Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095T Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 19Page - STMicroelectronics STW5095T Datasheet HTML 20Page - STMicroelectronics STW5095T Datasheet HTML 21Page - STMicroelectronics STW5095T Datasheet HTML 22Page - STMicroelectronics STW5095T Datasheet HTML 23Page - STMicroelectronics STW5095T Datasheet HTML 24Page - STMicroelectronics STW5095T Datasheet HTML 25Page - STMicroelectronics STW5095T Datasheet HTML 26Page - STMicroelectronics STW5095T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
STw5095
4 Control Registers
23/69
4.3
Gains
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR3 (03h)
Mic Gain Left
MICLA(2:0)
MICLG(4:0)
0000 0000
CR4 (04h)
Mic Gain Right
MICRA(2:0)
MICRG(4:0)
0000 0000
CR5 (05h)
Line in Gain Left
X
X
X
LINLG(4:0)
0000 1001
CR6 (06h)
Line in Gain Right
X
X
X
LINRG(4:0)
0000 1001
CR7 (07h)
LO gain & LS gain
X
LOG(2:0)
LSG(3:0)
0000 0011
CR8 (08h)
HPL Gain
X
X
X
HPLG(4:0)
0000 0011
CR9 (09h)
HPR Gain
X
X
X
HPRG(4:0)
0000 0011
CR10 (0Ah)
DAC Digital Gain Left
X
X
DACLG(5:0)
0000 0000
CR11 (0Bh)
DAC Digital Gain Right
X
X
DACRG(5:0)
0000 0000
CR12 (0Ch)
ADC Digital Gain Left
X
X
ADCLG(5:0)
0000 1000
CR13 (0Dh)
ADC Digital Gain Right
X
X
ADCRG(5:0)
0000 1000
Bits
Name CR3
Name CR4
Value
CR3 and CR4 Description
Def.
7-5
MICLA(2:0)
MICRA(2:0)
000
001
010
...
110
111
Left (CR3) and Right (CR4) Channels Microphone Attenuation
0.0 dB Gain (default)
-1.5 dB Gain
-3.0 dB Gain
...step 1.5 dB
-9.0 dB Gain
-12.0 dB Gain
000
4-0
MICLG(4:0)
MICRG(4:0)
00000
00001
00010
...
11010
Left (CR3) and Right (CR4) Channels Microphone Gain
0.0 dB Gain (default)
1.5 dB Gain
3.0 dB Gain
...step 1.5 dB
39.0 dB Gain
00000
Bits
Name CR5
Name CR6
Value
CR5 and CR6 Description
Def.
4-0
LINLG(4:0)
LINRG(4:0)
00000
00001
00010
...
01001
...
10011
Left (CR5) and Right (CR6) Channels Line In Gain
18.0 dB Gain
16.0 dB Gain
14.0 dB Gain
...step 2.0 dB
0.0 dB Gain (default)
...step 2.0 dB
-20.0 dB Gain
01001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com