Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095T Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 10Page - STMicroelectronics STW5095T Datasheet HTML 11Page - STMicroelectronics STW5095T Datasheet HTML 12Page - STMicroelectronics STW5095T Datasheet HTML 13Page - STMicroelectronics STW5095T Datasheet HTML 14Page - STMicroelectronics STW5095T Datasheet HTML 15Page - STMicroelectronics STW5095T Datasheet HTML 16Page - STMicroelectronics STW5095T Datasheet HTML 17Page - STMicroelectronics STW5095T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
3 Functional Description
STw5095
14/69
3.7
Audio digital interfaces
Two separate audio data interfaces are provided for AD and DA paths to have maximum
flexibility in communicating with other devices. The 2 interfaces can have different rates and can
work in different formats and modes (i.e AD interface can be 8 kHz PCM slave while DA is
44.1 kHz I2S master).
The pins used by the interfaces are:
AD_SYNC, AD_CK and AD_DATA for AD path word clock, bit clock and data, respectively, and
DA_SYNC, DA_CK and DA_DATA for DA path word clock, bit clock and data, respectively.
Data is exchanged with MSB first and left channel data first in all formats. Data word-length is
selected with bits DAWL in CR26 and ADWL in CR27. AD_DATA pin, outside the selected time
slot, is in the impedance condition selected by bit ADHIZ in CR28 in all data formats except
Right-Aligned-Format.
In the following paragraphs SYNC, CK and DATA will be used when the distinction between AD
and DA is not relevant. When Master Mode is selected (bits DAMAST and ADMAST in CR22
and CR25 respectively) the SYNC and CK clocks are generated internally. In addition, an
oversampled clock can be generated for each interface (AD_OCK and DA_OCK). The OCK
clock is available in Slave Mode also, if needed.
The AD and DA interfaces can also be used as a single bidirectional interface when they are
configured with the same format (Delayed, DSP, etc.) and AD_SYNC is connected to
DA_SYNC and DA_CK to AD_CK. Master Mode is still available selecting ADMAST or
DAMAST (not both).
The interfaces features are controlled with control registers CR26, CR27 and CR28.
Supported operating formats:
●
Delayed-Format (I2S compatible) (DAFORM or ADFORM =000): the Audio Interface is
I2S compatible (
Figure 8 on page 45). The number of CK periods within one SYNC period
is not relevant, as long as enough CK periods are used to transfer the data and the
maximum frequency limit specified for bit clock is not exceeded. CK can be either a
continuous clock or a sequence of bursts. In master mode there are 32 CK periods per
SYNC period (that means 16 CK periods per channel) when the word length is 16 bit,
while there are 64 CK periods per SYNC period (or 32 CK periods per channel) when word
length is 18bit or higher. Bits ADSYNCP, DASYNCP and ADCKP, DACKP affect the
interface format inverting the polarity of SYNC and CK pins respectively.
●
Left-Aligned-Format (DAFORM or ADFORM =001): this format is equivalent to
Delayed-Format without the 1 bit clock delay at the beginning of each frame (
Figure 8 on
page 45).
●
Right-Aligned-Format (DAFORM or ADFORM =010): this format is equivalent to
Delayed-Format, except that the Audio Data is right aligned and that the number of CK
periods is fixed to 64 for each SYNC period (
Figure 8 on page 45).
●
DSP-Format (DAFORM or ADFORM =011) in this format the Audio Interface starting from
a frame sync pulse on SYNC receives (DA) or sends (AD) the Left and Right data one after
the other (
Figure 9 on page 46). The number of CK periods within one SYNC period is not
relevant, as long as enough CK periods are used to transfer the data and the maximum
frequency limit specified for bit clock is not exceeded. CK can be either a continuous clock
or a sequence of bursts. In Master Mode there are 32 CK periods per SYNC period when
the word length is 16 bit, while there are 64 CK periods per SYNC period when word
length is 18bit or higher. Bit CKP (ADCKP and DACKP) affects the interface format
inverting the polarity of CK pin. Bit SYNCP (ADSYNCP and DASYNCP) switches between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com