Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095T Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 15Page - STMicroelectronics STW5095T Datasheet HTML 16Page - STMicroelectronics STW5095T Datasheet HTML 17Page - STMicroelectronics STW5095T Datasheet HTML 18Page - STMicroelectronics STW5095T Datasheet HTML 19Page - STMicroelectronics STW5095T Datasheet HTML 20Page - STMicroelectronics STW5095T Datasheet HTML 21Page - STMicroelectronics STW5095T Datasheet HTML 22Page - STMicroelectronics STW5095T Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
STw5095
3 Functional Description
19/69
3.16
Headset plug-in and push-button detection
STw5095 can detect the plug-in of a microphone connector and the press/release event of a
call/answer push-button. An application example can be found below, while specifications can
be found in
Section 9.4 on page 54.
3.17
Microphone biasing circuit
The Microphone Biasing Circuit can drive mono or stereo microphones and can switch them off
when not needed in order to save the current used by the microphone biasing network. Two bits
control the behavior of the microphone bias circuit: MBIAS in CR17 enables the circuit (fixed
voltage at MBIAS pin), while bit MBIASPD in CR17 affects the behavior of MBIAS pin when the
function is not enabled. In particular when MBIASPD=1 the MBIAS pin is pulled down,
otherwise it is left in tristate mode. The specification for the microphone biasing circuit can be
found in
Section 9.6 on page 55, and an application note is shown in Section 17 on page 66.
Figure 3.
Plug-in and push-button detection application note
Call/Answer Button
10
µF
1.5k
Ω
VCCA
3k
Ω
200nF
AUX1L
AUX1R
CAPMIC
HDET
200nF
STw5095
Generic Connector
From Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com