Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095T Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 26Page - STMicroelectronics STW5095T Datasheet HTML 27Page - STMicroelectronics STW5095T Datasheet HTML 28Page - STMicroelectronics STW5095T Datasheet HTML 29Page - STMicroelectronics STW5095T Datasheet HTML 30Page - STMicroelectronics STW5095T Datasheet HTML 31Page - STMicroelectronics STW5095T Datasheet HTML 32Page - STMicroelectronics STW5095T Datasheet HTML 33Page - STMicroelectronics STW5095T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
4 Control Registers
STw5095
30/69
4.5
Analog functions
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR17 (11h)
Mixer Switches & Mic Bias
MBIAS
MBIASPD
ADMIC
ADLIN
MIXMIC
MIXLIN
MIXDAC
MICLO
0000 0000
CR18 (12h)
Input Switches
X
IN2VCM
LINMUTE
LINSEL(1:0)
MICMUTE
MICSEL(1:0)
0010 0100
CR19 (13h)
Drivers Control
VCML(1:0)
X
MUTELO
MUTEHP
LSLIM
LSSEL(1:0)
0101 1000
Bits
Name
Value
CR17 Description
Def.
7
MBIAS
1
0
Microphone Bias Enabled (2.1V typ at MBIAS Pin)
Microphone Bias Disabled
0
6
MBIASPD
1
0
MBIAS Pin is pulled down when Microphone Bias is disabled
MBIAS Pin is in High Impedance state when Microphone Bias is
disabled
0
5ADMIC
1
0
Microphone Preamplifiers are connected to AD path
Microphone Preamplifiers are not connected to AD path
0
4ADLIN
1
0
Line In Preamplifiers are connected to AD path
Line In Preamplifiers are not connected to AD path
0
3MIXMIC
1
0
Microphone Preamplifiers are connected to Mixers
Microphone Preamplifiers are not connected to Mixers
0
2MIXLIN
1
0
Line In Preamplifiers are connected to Mixers
Line In Preamplifiers are not connected to Mixers
0
1MIXDAC
1
0
Stereo DAC path is connected to Mixers
Stereo DAC path is not connected to Mixers
0
0MICLO
1
0
Microphone Preamplifiers are connected to Line Out Drivers
Mixers are connected to Line Out Drivers
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com