Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095T Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 30Page - STMicroelectronics STW5095T Datasheet HTML 31Page - STMicroelectronics STW5095T Datasheet HTML 32Page - STMicroelectronics STW5095T Datasheet HTML 33Page - STMicroelectronics STW5095T Datasheet HTML 34Page - STMicroelectronics STW5095T Datasheet HTML 35Page - STMicroelectronics STW5095T Datasheet HTML 36Page - STMicroelectronics STW5095T Datasheet HTML 37Page - STMicroelectronics STW5095T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
4 Control Registers
STw5095
34/69
4.7
Digital audio interfaces
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR26 (1Ah)
DAC Data IF Control
X
DAFORM(2:0)
DASPIM
DAWL(2:0)
0000 0000
CR27 (1Bh)
ADC Data IF Control
ADRTOL
ADFORM2:0)
ADSPIM
ADWL(2:0)
0000 0000
CR28 (1Ch)
DAC&ADC Data IF Control
AMCKINV
DACKP
DASYNCP
DAMONO
ADCKP
ADSYNCP
ADMONO
ADHIZ
0000 0000
Bits
Name
Value
CR26 Description
Def.
6-4
DAFORM(2:0)
000
001
010
011
100
111
DA Audio Interface Format Selection
Delayed Format (I2S Compatible)
Left Aligned Format
Right Aligned Format
DSP Format
SPI Format
PCM Format (uses left channel)
000
3
DASPIM
1
0
DA interface in SPI mode receives one word for both channels
DA interface in SPI mode receives two words (alternated, left
channel first)
0
2-0
DAWL(2:0)
000
001
010
011
100
DA interface word length
16 bit
18 bit
20 bit
24 bit
32 bit
000
Bits
Name
Value
CR27 Description
Def.
7ADRTOL
1
0
AD Right Channel sent to PCM I/F (must set ENADCR=0 in CR1)
Normal Operation
0
6-4
ADFORM(2:0)
000
001
010
011
100
111
AD Audio Interface Format Selection
Delayed Format (I2S compatible)
Left Aligned Format
Right Aligned Format
DSP Format
SPI Format
PCM Format (sends out left channel)
000
3
ADSPIM
1
0
AD interface in SPI mode sends one channel (left)
AD interface in SPI mode sends two channels (alternated, left first)
0
2-0
ADWL(2:0)
000
001
010
011
100
AD interface word length
16 bit
18 bit
20 bit
24 bit
32 bit
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com