Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095T Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 20Page - STMicroelectronics STW5095T Datasheet HTML 21Page - STMicroelectronics STW5095T Datasheet HTML 22Page - STMicroelectronics STW5095T Datasheet HTML 23Page - STMicroelectronics STW5095T Datasheet HTML 24Page - STMicroelectronics STW5095T Datasheet HTML 25Page - STMicroelectronics STW5095T Datasheet HTML 26Page - STMicroelectronics STW5095T Datasheet HTML 27Page - STMicroelectronics STW5095T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
4 Control Registers
STw5095
24/69
Bits
Name
Value
CR7 Description
Def.
6-4
LOG(2:0)
000
001
010
...
110
Left and Right Channel Line Out Drivers Gain
000
3-0
LSG(3:0)
0000
0001
0010
0011
...
1111
8
Ω Loudspeaker Gain
6.0 dB Gain
4.0 dB Gain
2.0 dB Gain
0.0 dB Gain (default)
...step 2.0 dB
-24.0 dB Gain
0011
Bits
Name CR8
Name CR9
Value
CR8 and CR9 Description
Def.
4-0
HPLG(4:0)
HPRG(4:0)
00000
00001
00010
00011
...
10100
Left (CR8) and Right (CR9) Channels Headphones Driver Gain
0.0 dB Gain
-2.0 dB Gain
-4.0 dB Gain
-6.0 dB Gain (default)
...step 2.0 dB
-40.0 dB Gain
00011
Gain to Differential Output
Equivalent Single-Ended Gain
-18.0 dB Gain (default)
-24.0 dB Gain (default)
-15.0 dB Gain
-21.0 dB Gain
-12.0 dB Gain
-18.0 dB Gain
...step 3 dB
...step 3 dB
00 dB Gain
-6.0 dB Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com