Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69220 Datasheet(PDF) 4 Page - Microchip Technology

Part # PD69220
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69220 Datasheet(HTML) 4 Page - Microchip Technology

  PD69220 Datasheet HTML 1Page - Microchip Technology PD69220 Datasheet HTML 2Page - Microchip Technology PD69220 Datasheet HTML 3Page - Microchip Technology PD69220 Datasheet HTML 4Page - Microchip Technology PD69220 Datasheet HTML 5Page - Microchip Technology PD69220 Datasheet HTML 6Page - Microchip Technology PD69220 Datasheet HTML 7Page - Microchip Technology PD69220 Datasheet HTML 8Page - Microchip Technology PD69220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1.
Architecture
The following figures show the simplified hardware architecture and firmware architecture of the PoE system based
on the PD69210 and PD69220 controllers and PD69208T4, PD69204T4, and PD69208M managers.
Figure 1-1. Simplified Hardware Architecture
Figure 1-2. Simplified Firmware Architecture
• Dark grey boxes indicate Microchip-supplied firmware.
• Light grey boxes indicate Microchip-provided documentation.
• White boxes are user-supplied.
1.1
Firmware
• Firmware is pre-programmed in PD69210 and PD69220. Firmware version is identifiable via the IC Ordering
Part Number.
• Firmware is vendor-agnostic with regards to choice of the host controller.
• May be operated standalone or with I2C or UART communication to host.
• Default profiles are coded into the firmware. Microchip offers a Configuration Tool for profile modification.
• Firmware is field-upgradeable via the I2C or UART link.
1.2
Communication
Communication between the host application and the controller’s firmware may be done via a 15-byte protocol.
Customers may use a Microchip-provided API. Microchip provides a Serial Communication Protocol Guide.
1.3
GUI
This is a diagnostic tool for control of the Microchip PSE emulating or bypassing the host processor.
PD69210/PD69220
Architecture
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com