Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69220 Datasheet(PDF) 5 Page - Microchip Technology

Part # PD69220
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69220 Datasheet(HTML) 5 Page - Microchip Technology

  PD69220 Datasheet HTML 1Page - Microchip Technology PD69220 Datasheet HTML 2Page - Microchip Technology PD69220 Datasheet HTML 3Page - Microchip Technology PD69220 Datasheet HTML 4Page - Microchip Technology PD69220 Datasheet HTML 5Page - Microchip Technology PD69220 Datasheet HTML 6Page - Microchip Technology PD69220 Datasheet HTML 7Page - Microchip Technology PD69220 Datasheet HTML 8Page - Microchip Technology PD69220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1.4
Software Library
Firmware (without the boot section), GUI, and API are available on Microchip’s Software Library.
1.5
SPI Communication
PD69208T4, PD69204T4, and PD69208M managers use SPI communication in SPI slave mode to communicate
with the various controllers. Each manager has an address determined by ADDR0–ADDR3 pins. Each controller can
support up to 12 ICs at addresses 0–11. The actual frequency between PD692x0 ICs is 1 MHz.
The following table lists the SPI communication packet structure.
Table 1-1. SPI Communication—Packet Structure
Control Byte Selects
PD69208T4 According to
Address
R/W Bit
Internal
Register
Address
Number of Words
(Read Access Only)
Data Written to IC
(Write Access Only)
Read from IC (Read
Access Only)
8 bits
R(0)/W(1)
8 bits
8 bits
16 bits
For more information about the SPI interface, see the PD69208T4, PD69204T4, and PD69208M Manager Datasheet.
1.6
UART
A pull-up resistor is required on the UART communication line. For more information, see AN3361 Designing an IEEE
802.3af/at/bt PoE System Based on PD692x0/PD69208.
UART communications configuration:
• Bits per second: 19,200 bps
• Data bits: 8
• Parity: None Stop bits: 1
• Flow control: None
1.7
I2C
The PD692x0 requires the host to support I2C clock stretch.
I2C communication configuration:
• Address: 7 bits
• Clock stretch: Host should support
• Transaction: 15 bytes or 1 byte
PD69210/PD69220
Architecture
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com