Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69220 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD69220
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69220 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD69220 Datasheet HTML 5Page - Microchip Technology PD69220 Datasheet HTML 6Page - Microchip Technology PD69220 Datasheet HTML 7Page - Microchip Technology PD69220 Datasheet HTML 8Page - Microchip Technology PD69220 Datasheet HTML 9Page - Microchip Technology PD69220 Datasheet HTML 10Page - Microchip Technology PD69220 Datasheet HTML 11Page - Microchip Technology PD69220 Datasheet HTML 12Page - Microchip Technology PD69220 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
...........continued
PD69210
Pin
PD69220
Pin
Designation
Type
Description
6
4
ESPI_SCK
OUT
ESPI bus to PoE manager. SPI clock output to
PD6920x, and LED stream clock output, set to
1 MHz.
7
3
ESPI_xCS
OUT
ESPI bus to PoE manager. SPI chip select.
Pull-up required. See AN3361 for pin
connection requirements. (Active Low)
8
5
ESPI_MOSI
OUT
ESPI bus from PoE manager. SPI master out,
slave in. SPI packets are received on this line.
9
7
VDDA
Supply
Main Supply 3.3 V.
10
8
VSSA
GND
Ground.
11
14
Reserved
Analog_IN Reserved Analog_IN. Connect to 3.3 V or GND
through 10 kΩ.
-
9, 29
Reserved
Analog_IN Reserved Analog_IN. Connect to 3.3 V.
12, 19
-
Reserved
Reserved. Leave open.
13
22
I2C_ADDR_MEAS
Analog_IN Analog input to determine I2C address or UART
operation.
14
23
Reserved
Connect to GND.
15
12
UART0_TX
OUT
UART transmit to host. 15-byte protocol reply/
telemetry is transmitted on this line. The baud
rate is set to 19,200 bps.
16
11
UART0_RX
IN
UART receive from a host. 15-byte protocol
commands are received on this line. The baud
rate is set to 19,200 bps. Pull-up is required.
See AN3361 for details.
17
18
Reserved
Oscillator
Reserved. Oscillator output. Leave open.
17
Reserved
Oscillator
Reserved. Oscillator output. Leave open.
18
28
xLED_OE
OUT
Output enable signal for the LED stream.
(Active Low)
20
30
FAN_CONTROL
OUT
Logic out that may be used to control a fan
driver. (Active High)
21
21
I2C0_SDA
IN/OUT
I2C bidirectional data. 15-byte protocol
messages are transmitted on this line. Pull-up
required, see AN3361 for details.
22
20
I2C0_SCL
IN/OUT
I2C clock from the host master. Speed is limited
to 400 KHz. Clock stretch required. Pull-up
required, see AN3361 for details.
23
26
xLED_CS
OUT
Chip select signal for LED stream. (Active Low)
PD69210/PD69220
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com