Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69220 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD69220
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69220 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD69220 Datasheet HTML 3Page - Microchip Technology PD69220 Datasheet HTML 4Page - Microchip Technology PD69220 Datasheet HTML 5Page - Microchip Technology PD69220 Datasheet HTML 6Page - Microchip Technology PD69220 Datasheet HTML 7Page - Microchip Technology PD69220 Datasheet HTML 8Page - Microchip Technology PD69220 Datasheet HTML 9Page - Microchip Technology PD69220 Datasheet HTML 10Page - Microchip Technology PD69220 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
2.
Electrical Specifications
The following sections describe the electrical specifications for the PD69210 and PD69220 devices.
2.1
Electrical Characteristics
For a complete list of electrical characteristics, see Microchip SAM21 Family Datasheet.
Table 2-1. General Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Power supply voltage
3.0
3.3
3.63
V
VDDA
Power supply voltage
3.0
3.3
3.63
V
TA
Temperature range
–40
25
85
°C
TJ
Junction temperature
100
°C
2.2
Immunity
Table 2-2. Immunity
Symbol
Parameter
Conditions
Min
Max
Units
ESD
ESD rating
HBM1
–2000
+2000
V
CDM2
–500
+500
V
1.
ESD HBM complies with JESD22 Class 2 standard.
2.
ESD CDM complies with JESD22 Class 1 standard.
2.3
Absolute Maximum Ratings
Stresses beyond those listed in this section may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or other conditions beyond those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2-3. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD
Power supply voltage
0
3.8
V
VPIN
Pin voltage with respect to GND and VDD
GND – 0.6 V
VDD + 0.6 V
V
Lead soldering temperature
(40 s, reflow)
260
°C
Storage temperature
–60
150
°C
PD69210/PD69220
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com