Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69220 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD69220
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69220 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD69220 Datasheet HTML 4Page - Microchip Technology PD69220 Datasheet HTML 5Page - Microchip Technology PD69220 Datasheet HTML 6Page - Microchip Technology PD69220 Datasheet HTML 7Page - Microchip Technology PD69220 Datasheet HTML 8Page - Microchip Technology PD69220 Datasheet HTML 9Page - Microchip Technology PD69220 Datasheet HTML 10Page - Microchip Technology PD69220 Datasheet HTML 11Page - Microchip Technology PD69220 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
3.
Pins
The PD69210 and PD69220 controller each has 32 pins, which are described in this section.
3.1
Pin Diagrams
The following figures represent the top view of PD69210 and PD69220 devices.
Figure 3-1. PD69210 and PD69220 Pin Diagram
Note: For definitions about markings in the pinout diagram, see Ordering Information.
3.2
Pin Descriptions
The following table describes the functional pin descriptions of the PD69210 and PD69220 devices.
Table 3-1. Pin Descriptions
PD69210
Pin
PD69220
Pin
Designation
Type
Description
1
1
Reserved
OUT
Reserved UART. Leave open.
2
2
Reserved
IN
Reserved UART. Pull up to 3.3 V via 10 kΩ.
3
32
xSys_OK/LED System OK
OUT
System validity indication. The behavior of this
output is controlled by individual software
mask. (Active Low)
4
31
xDISABLE_PORTS
IN
Disable all PoE ports. When this input is
asserted low, the controller shuts down all PoE
ports in the system.
See AN3361 for pin connection requirements.
(Active Low)
5
6
ESPI_MISO
IN
ESPI bus to PoE manager. SPI master in, slave
out. SPI packets are received on this line.
PD69210/PD69220
Pins
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com