Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69220 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD69220
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69220 Datasheet(HTML) 1 Page - Microchip Technology

  PD69220 Datasheet HTML 1Page - Microchip Technology PD69220 Datasheet HTML 2Page - Microchip Technology PD69220 Datasheet HTML 3Page - Microchip Technology PD69220 Datasheet HTML 4Page - Microchip Technology PD69220 Datasheet HTML 5Page - Microchip Technology PD69220 Datasheet HTML 6Page - Microchip Technology PD69220 Datasheet HTML 7Page - Microchip Technology PD69220 Datasheet HTML 8Page - Microchip Technology PD69220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PD69210/PD69220
PoE PSE Controller Datasheet
Introduction
The Microchip Generation 6 family of PSE controllers include the PD69210 and PD69220 devices. The PD69210 and
PD69220 have an identical feature set and differ only in physical pinout. The PD69210 and PD69220 are based on
the Microchip SAM D21 family. The PD69210 or PD69220 are recommended for all new designs.
The PD69210 or PD69220 controllers when paired with the Microchip PD69208T4, PD69204T4, or PD69208M
managers are part of a Power over Ethernet Power Supplying Equipment (PSE) system. This system enables
designers to integrate enhanced mode PoE capabilities, as specified in IEEE 802.3af, IEEE 802.3at, IEEE 802.3bt,
and PoH standards, into an Ethernet switch. The PD69210 and PD69220 will support up to 48 4-pair or 2-pair logical
ports.
Both controllers are available in a 32-pin, 5 mm × 5 mm QFN package.
Typical PoE Application
The following figure shows the typical PoE application of Microchip Generation 6 devices.
Figure 1. Typical PoE Application
Consult Microchip AN3361 Designing an IEEE 802.3af/802.3at/802.3bt-Compliant PD69208 48-Port PoE System.
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 1


Similar Part No. - PD69220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
PD69200C-018818 MICROCHIP-PD69200C-018818 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD69204T4 MICROCHIP-PD69204T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69204T4ILQ-TR-LE MICROCHIP-PD69204T4ILQ-TR-LE Datasheet
1Mb / 35P
PoE PSE Manager
2020
More results

Similar Description - PD69220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274 LINER-LTC4274_15 Datasheet
362Kb / 28P
Single PoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com