Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69220 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD69220
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69220 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD69220 Datasheet HTML 13Page - Microchip Technology PD69220 Datasheet HTML 14Page - Microchip Technology PD69220 Datasheet HTML 15Page - Microchip Technology PD69220 Datasheet HTML 16Page - Microchip Technology PD69220 Datasheet HTML 17Page - Microchip Technology PD69220 Datasheet HTML 18Page - Microchip Technology PD69220 Datasheet HTML 19Page - Microchip Technology PD69220 Datasheet HTML 20Page - Microchip Technology PD69220 Datasheet HTML 21Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
5.
Ordering Information
The following table lists the part ordering information for PD69210 and PD69220 devices.
Table 5-1. Ordering Information
Part Number
Package
Packaging
Type
Temperature
Part Marking
Tray Marking
PD69210D1VVVV2SS3
Plastic QFN
5 mm × 5 mm
(32 lead)
Tray
–40 °C to 85 °C Microchip Logo
PD69210
ARM Logo
YY4 WW5 NNN6
PD69210D-
VVVVSS
PD-OOOOGabb7
YYWW
PD69210D1VVVV2SS3-TR Plastic QFN
5 mm × 5 mm
(32 lead)
Tape and reel
–40 °C to 85 °C Microchip Logo
PD69210
ARM Logo
YY4 WW5 NNN6
PD69220D1VVVV2SS3
Plastic QFN
Laminated8
5 mm × 5 mm
(32 lead)
Tray
–40 °C to 85 °C Microchip Logo
PD69220
ARM Logo
YY4 WW5 NNN6
PD69220D-
VVVVSS
PD-OOOOGabb7
YYWW
PD69220D1VVVV2SS3-TR Plastic QFN
Laminated8
5 mm × 5 mm
(32 lead)
Tape and reel
–40 °C to 85 °C Microchip Logo
PD69220
ARM Logo
YY4 WW5 NNN6
1.
D is detection method.
– C= IEEE 802.3 and pre-standard
– R= IEEE 802.3 only
2.
VVVV is firmware revision.
3.
SS is firmware parameters options.
4.
Year code (last two digits of calendar year).
5.
Week code (week of January 1 is week 01).
6.
Alphanumeric trace code.
7.
Operational part number.
8.
Laminated QFN is also called a Land Grid Array (LGA).
The firmware release note has all required information about how to specify the choice of VVVV and SS. Find the
Firmware Release Notes in the Microchip Software Libraries, and register to My Microchip account to access the
release notes.
Note: The package meets RoHS, Pb-free of the European Council to minimize the environmental impact of electrical
equipment.
Note: Initial burning of controller's firmware is performed in the factory. Firmware upgrades can be performed by
users using the communication interface. For more information, see TN-140 (Catalog Number: 06-0024-081).
PD69210/PD69220
Ordering Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com