Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 4 Page - Dialog Semiconductor

  AT25DF512C Datasheet HTML 1Page - Dialog Semiconductor AT25DF512C Datasheet HTML 2Page - Dialog Semiconductor AT25DF512C Datasheet HTML 3Page - Dialog Semiconductor AT25DF512C Datasheet HTML 4Page - Dialog Semiconductor AT25DF512C Datasheet HTML 5Page - Dialog Semiconductor AT25DF512C Datasheet HTML 6Page - Dialog Semiconductor AT25DF512C Datasheet HTML 7Page - Dialog Semiconductor AT25DF512C Datasheet HTML 8Page - Dialog Semiconductor AT25DF512C Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
3
AT25DF512C
DS-25DF512C–030E–2/2017
SO (I/O1)
SERIAL OUTPUT: The SO pin is used to shift data out from the device. Data on the SO pin
is always clocked out on the falling edge of SCK.
With the Dual-Output Read commands, the SO Pin remains an output pin (I/O1) in
conjunction with other pins to allow two bits of data on (I/O1-0) to be clocked out on every
falling edge of SCK.
To maintain consistency with the SPI nomenclature, the SO (I/O1) pin will be referenced as
the SO pin unless specifically addressing the Dual-I/O modes in which case it will be
referenced as I/O1.
The SO pin will be in a high-impedance state whenever the device is deselected (CS is
deasserted).
-
Input/Output
WP
WRITE PROTECT: The WP pin controls the hardware locking feature of the device. Please
refer to “Protection Commands and Features” on page 12 for more details on protection
features and the WP pin.
The WP pin is internally pulled-high and may be left floating if hardware controlled protection
will not be used. However, it is recommended that the WP pin also be externally connected
to VCC whenever possible.
Low
Input
HOLD
HOLD: The HOLD pin is used to temporarily pause serial communication without
deselecting or resetting the device. While the HOLD pin is asserted, transitions on the SCK
pin and data on the SI pin will be ignored, and the SO pin will be in a high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a
Hold condition to start. A Hold condition pauses serial communication only and does
not have an effect on internally self-timed operations such as a program or erase cycle.
Please refer to “Hold” on page 27 for additional details on the Hold operation.
The HOLD pin is internally pulled-high and may be left floating if the Hold function will not be
used. However, it is recommended that the HOLD pin also be externally connected to VCC
whenever possible.
Low
Input
VCC
DEVICE POWER SUPPLY: The VCC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be
attempted.
-
Power
GND
GROUND: The ground reference for the power supply. GND should be connected to the
system ground.
-
Power
Table 2-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com