Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button AT25DF512C Datasheet HTML 25Page - Dialog Semiconductor AT25DF512C Datasheet HTML 26Page - Dialog Semiconductor AT25DF512C Datasheet HTML 27Page - Dialog Semiconductor AT25DF512C Datasheet HTML 28Page - Dialog Semiconductor AT25DF512C Datasheet HTML 29Page - Dialog Semiconductor AT25DF512C Datasheet HTML 30Page - Dialog Semiconductor AT25DF512C Datasheet HTML 31Page - Dialog Semiconductor AT25DF512C Datasheet HTML 32Page - Dialog Semiconductor AT25DF512C Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
28
AT25DF512C
DS-25DF512C–030E–2/2017
12.8 Reset
In some applications, it may be necessary to prematurely terminate a program or erase operation rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally. The
Reset command allows a program or erase operation in progress to be ended abruptly and returns the device to an idle
state. Since the need to reset the device is immediate, the Write Enable command does not need to be issued prior to the
Reset command. Therefore, the Reset command operates independently of the state of the WEL bit in the Status
Register.
The Reset command can be executed only if the command has been enabled by setting the Reset Enabled (RSTE) bit in
the Status Register to a Logical 1 using write status register byte 2 command 31h. This command should be entered
before a program command is entered. If the Reset command has not been enabled (the RSTE bit is in the Logical 0
state), then any attempts at executing the Reset command will be ignored.
To perform a Reset, the CS pin must first be asserted, and then the opcode F0h must be clocked into the device. No
address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device immediately after the
opcode. Any additional data clocked into the device after the confirmation byte will be ignored. When the CS pin is
deasserted, the program operation currently in progress will be terminated within a time of tSWRST. Since the program or
erase operation may not complete before the device is reset, the contents of the page being programmed or erased
cannot be guaranteed to be valid.
The Reset command has no effect on the states of the Configuration Register or RSTE bit in the Status Register. The
WEL however, will be reset back to its default state.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation will be
performed.
Figure 12-9. Reset
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
Opcode
Confirmation Byte In
10 11
9
814 15
13
12
0
MSB
1101000
0
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com