Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AT25DF512C Datasheet HTML 12Page - Dialog Semiconductor AT25DF512C Datasheet HTML 13Page - Dialog Semiconductor AT25DF512C Datasheet HTML 14Page - Dialog Semiconductor AT25DF512C Datasheet HTML 15Page - Dialog Semiconductor AT25DF512C Datasheet HTML 16Page - Dialog Semiconductor AT25DF512C Datasheet HTML 17Page - Dialog Semiconductor AT25DF512C Datasheet HTML 18Page - Dialog Semiconductor AT25DF512C Datasheet HTML 19Page - Dialog Semiconductor AT25DF512C Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
15
AT25DF512C
DS-25DF512C–030E–2/2017
10.
Security Commands
10.1 Program OTP Security Register
The device contains a specialized OTP (One-Time Programmable) Security Register that can be used for purposes such
as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc. The OTP
Security Register is independent of the main Flash memory array and is comprised of a total of 128 bytes of memory
divided into two portions. The first 64 bytes (byte locations 0 through 63) of the OTP Security Register are allocated as a
one-time user-programmable space. Once these 64 bytes have been programmed, they cannot be erased or
reprogrammed. The remaining 64 bytes of the OTP Security Register (byte locations 64 through 127) are factory
programmed by Adesto and will contain a unique value for each device. The factory programmed data is fixed and
cannot be changed.
The user-programmable portion of the OTP Security Register does not need to be erased before it is programmed. In
addition, the Program OTP Security Register command operates on the entire 64-byte user-programmable portion of the
OTP Security Register at one time. Once the user-programmable space has been programmed with any number of
bytes, the user-programmable space cannot be programmed again; therefore, it is not possible to only program the first
two bytes of the register and then program the remaining 62 bytes at a later time.
Before the Program OTP Security Register command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”. To program the OTP Security Register, the CS
pin must first be asserted and an opcode of 9Bh must be clocked into the device followed by the three address bytes
denoting the first byte location of the OTP Security Register to begin programming at. Since the size of the user-
programmable portion of the OTP Security Register is 64 bytes, the upper order address bits do not need to be decoded
by the device. Therefore, address bits A23-A6 will be ignored by the device and their values can be either a logical “1” or
Table 9-2.
Hardware and Software Locking
WP
BPL
Locking
BPL Change Allowed
BP0 and Protection Status
0
0
Can be modified from 0 to 1
BP0 bit unlocked and modifiable using the Write
Status Register command. Memory array can be
protected and unprotected freely.
0
1
Hardware
Locked
Locked
BP0 bit locked in current state. The Write Status
Register command will have no affect. Memory
array is locked in current protected or unprotected
state.
1
0
Can be modified from 0 to 1
BP0 bit unlocked and modifiable using the Write
Status Register command. Memory array can be
protected and unprotected freely.
1
1
Can be modified from 1 to 0
BP0 bit unlocked and modifiable using the Write
Status Register command. Memory array can be
protected and unprotected freely.
Table 10-1.
OTP Security Register
Security Register
Byte Number
0
1
. . .
62
63
64
65
. . .
126
127
One-Time User Programmable
Factory Programmed by Adesto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com