Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button AT25DF512C Datasheet HTML 7Page - Dialog Semiconductor AT25DF512C Datasheet HTML 8Page - Dialog Semiconductor AT25DF512C Datasheet HTML 9Page - Dialog Semiconductor AT25DF512C Datasheet HTML 10Page - Dialog Semiconductor AT25DF512C Datasheet HTML 11Page - Dialog Semiconductor AT25DF512C Datasheet HTML 12Page - Dialog Semiconductor AT25DF512C Datasheet HTML 13Page - Dialog Semiconductor AT25DF512C Datasheet HTML 14Page - Dialog Semiconductor AT25DF512C Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
10
AT25DF512C
DS-25DF512C–030E–2/2017
protected state (see “Block Protection” on page 13), then the Byte/Page Program command will not be executed, and the
device will return to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be reset
back to the logical “0” state if the program cycle aborts due to an incomplete address being sent, an incomplete byte of
data being sent, the CS pin being deasserted on uneven byte boundaries, or because the memory location to be
programmed is protected.
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to determine if the
data bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
Figure 8-1. Byte Program
Figure 8-2. Page Program
8.2
Page Erase
Page Erase for 512Kbit, 256Pages [eight (8) page address bits, PA<7:0>] of 256Bytes each.
The Page Erase command can be used to individually erase any page in the main memory array. The Main Memory
Byte/Page Program command can be utilized at a later time.
To perform a Page Erase with the standard page size (256 bytes), an opcode of 81h must be clocked into the device
followed by three address bytes comprised of:
Byte 0: 81h the page erase command code
Byte 1: XXXX XXXX; which is eight (8) dummy bits
Byte 2: PA<7:0>; which is eight (8) page address bits PA<7:0>
Byte 3: XXXX XXXX; which is eight (8) dummy bits
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com