Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button AT25DF512C Datasheet HTML 3Page - Dialog Semiconductor AT25DF512C Datasheet HTML 4Page - Dialog Semiconductor AT25DF512C Datasheet HTML 5Page - Dialog Semiconductor AT25DF512C Datasheet HTML 6Page - Dialog Semiconductor AT25DF512C Datasheet HTML 7Page - Dialog Semiconductor AT25DF512C Datasheet HTML 8Page - Dialog Semiconductor AT25DF512C Datasheet HTML 9Page - Dialog Semiconductor AT25DF512C Datasheet HTML 10Page - Dialog Semiconductor AT25DF512C Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
6
AT25DF512C
DS-25DF512C–030E–2/2017
Figure 5-1. SPI Mode 0 and 3
5.1
Dual Output Read
The ATx features a Dual-Output Read mode that allow two bits of data to be clocked out of the device every clock cycle
to improve throughput. To accomplish this, both the SI and SO pins are utilized as outputs for the transfer of data bytes.
With the Dual-Output Read Array command, the SI pin becomes an output along with the SO pin.
6.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS pin has been asserted,
the host controller must then clock out a valid 8-bit opcode on the SPI bus. Following the opcode, instruction dependent
information such as address and data bytes would then be clocked out by the host controller. All opcode, address, and
data bytes are transferred with the most-significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT25DF512C will be ignored by the device and no operation will be started. The device
will continue to ignore any data presented on the SI pin until the start of the next operation (CS pin being deasserted and
then reasserted). In addition, if the CS pin is deasserted before complete opcode and address information is sent to the
device, then no operation will be performed and the device will simply return to the idle state and wait for the next
operation.
Addressing of the device requires a total of three bytes of information to be sent, representing address bits A23-A0.
Since the upper address limit of the AT25DF512C memory array is 00FFFFh, address bits A23-A16 are always ignored
by the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB
Table 6-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes
Read Commands
Read Array
0Bh
0000 1011
Up to 104 MHz
3
1
1+
03h
0000 0011
Up to 33 MHz (1)
3
0
1+
Dual Output Read
3Bh
0011 1011
Up to 50 MHz
3
1
1+
Program and Erase Commands
Page Erase
81h
1000 0001
Up to 104 MHz
3
0
0
Block Erase (4 Kbytes)
20h
0010 0000
Up to 104 MHz
3
0
0
Block Erase (32 Kbytes)
52h
0101 0010
Up to 104 MHz
3
0
0
D8h
1101 1000
Up to 104 MHz
3
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com