Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT25DF512C Datasheet HTML 1Page - Dialog Semiconductor AT25DF512C Datasheet HTML 2Page - Dialog Semiconductor AT25DF512C Datasheet HTML 3Page - Dialog Semiconductor AT25DF512C Datasheet HTML 4Page - Dialog Semiconductor AT25DF512C Datasheet HTML 5Page - Dialog Semiconductor AT25DF512C Datasheet HTML 6Page - Dialog Semiconductor AT25DF512C Datasheet HTML 7Page - Dialog Semiconductor AT25DF512C Datasheet HTML 8Page - Dialog Semiconductor AT25DF512C Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
DS-25DF512C–030E–2/2017
Features
Single 1.65V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 and 3
Supports Dual Output Read
104MHz Maximum Operating Frequency
Clock-to-Output (tV) of 6 ns
Flexible, Optimized Erase Architecture for Code + Data Storage Applications
Small (256-Byte) Page Erase
Uniform 4-Kbyte Block Erase
Uniform 32-Kbyte Block Erase
Full Chip Erase
Hardware Controlled Locking of Protected Sectors via WP Pin
128-byte, One-Time Programmable (OTP) Security Register
64 bytes factory programmed with a unique identifier
64 bytes user programmable
Flexible Programming
Byte/Page Program (1 to 256 Bytes)
Fast Program and Erase Times
1.5ms Typical Page Program (256 Bytes) Time
50ms Typical 4-Kbyte Block Erase Time
350ms Typical 32-Kbyte Block Erase Time
Automatic Checking and Reporting of Erase/Program Failures
Software Controlled Reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
200nA Ultra Deep Power Down current (Typical)
5µA Deep Power-Down Current (Typical)
25uA Standby current (Typical)
4.5mA Active Read Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Temperature Range:-10°C to +85°C (1.65V to 3.6V), -40°C to +85° (1.7V to 3.6V)
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
8-lead SOIC (150-mil)
8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
8-lead TSSOP Package
AT25DF512C
512-Kbit, 1.65V Minimum
SPI Serial Flash Memory with Dual-Read Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com