Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF512C Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT25DF512C Datasheet HTML 18Page - Dialog Semiconductor AT25DF512C Datasheet HTML 19Page - Dialog Semiconductor AT25DF512C Datasheet HTML 20Page - Dialog Semiconductor AT25DF512C Datasheet HTML 21Page - Dialog Semiconductor AT25DF512C Datasheet HTML 22Page - Dialog Semiconductor AT25DF512C Datasheet HTML 23Page - Dialog Semiconductor AT25DF512C Datasheet HTML 24Page - Dialog Semiconductor AT25DF512C Datasheet HTML 25Page - Dialog Semiconductor AT25DF512C Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
21
AT25DF512C
DS-25DF512C–030E–2/2017
If the WP pin is asserted, then the BPL bit can only be set to a logical “1”. If an attempt is made to reset the BPL bit to a
logical “0” while the WP pin is asserted, then the Write Status Register Byte command will be ignored, and the WEL bit in
the Status Register will be reset back to the logical “0” state. In order to reset the BPL bit to a logical “0”, the WP pin must
be deasserted.
Figure 11-2. Write Status Register
11.3 Write Status Register Byte 2
The Write Status Register Byte 2 command is used to modify the RSTE. Using the Write Status Register Byte 2
command is the only way to modify the RSTE in the Status Register during normal device operation. Before the Write
Status Register Byte 2 command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a Logical 1.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted and then the opcode 31h must be
clocked into the device followed by one byte of data. The one byte of data consists of three don’t-care bits, the RSTE bit
value, and four additional don’t-care bits (see Table 11-4). Any additional data bytes sent to the device will be ignored.
When the CS pin is deasserted, the RSTE bit in the Status Register will be modified, and the WEL bit in the Status
Register will be reset back to a Logical 0.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of
the RSTE bit will not change, and the WEL bit in the Status Register will be reset back to the Logical 0 state.
Table 11-3. Write Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BPL
X
X
X
X
BP0
X
X
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
4
OPC ODE
10 11
9
814 15
13
12
1
MSB
DX
X
X
X
DX
X
STATUS REGISTER IN
HIGH-IMPEDANCE
Table 11-4. Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
RSTE
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com