Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 63Page - Dialog Semiconductor AT25SL641 Datasheet HTML 64Page - Dialog Semiconductor AT25SL641 Datasheet HTML 65Page - Dialog Semiconductor AT25SL641 Datasheet HTML 66Page - Dialog Semiconductor AT25SL641 Datasheet HTML 67Page - Dialog Semiconductor AT25SL641 Datasheet HTML 68Page - Dialog Semiconductor AT25SL641 Datasheet HTML 69Page - Dialog Semiconductor AT25SL641 Datasheet HTML 70Page - Dialog Semiconductor AT25SL641 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
66
AT25SL641
DS-25SL641–113F–12/2018
Note:
1.
Output Hi-Z is defined as the point where data out is no longer driven
Figure 8-2.
AC Measurement I/O Waveform
8.6
AC Electrical Characteristics
Table 8-7.
AC Electrical Characteristics
Parameter(5)
Symbol
Alt
Min
Typ
Max
Unit
Clock frequency for all instructions, except Read Data and
Fast Read Data in SPI mode (03h, 0Bh)
1.7V - 2.0V VCC and industrial temperature
FR
fc
D.C.
133
MHz
Clock freq. Fast Read Data instruction in SPI mode (0Bh)
fR
D.C.
104
MHz
Clock freq. Read Data instruction in SPI mode (03h)
fR
D.C.
50
MHz
Clock High, Low Time except Read Data (03h)
t
CLH, tCLL
(1)
3.5
ns
Clock High, Low Time for Read Data (03h) instructions
t
CRLH, tCRLL
(1)
8
ns
Clock Rise Time peak to peak
t
CLCH
(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL
(2)
0.1
V/ns
CS Active Setup Time relative to Clock
t
SLCH
t
CSS
5
ns
CS Not Active Hold Time relative to Clock
t
CHSL
5
ns
Data In Setup Time
t
DVCH
t
DSU
2
ns
Data In Hold Time
t
CHDX
t
DH
3
ns
CS Active Hold Time relative to Clock
t
CHSH
5
ns
CS Not Active Setup Time relative to Clock
t
CHSH
5
ns
CS Deselect Time (for Read instructions/Write,
Erase and Program instructions)
tSHSL
tCSH
100
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
t
CLQV
t
V1
6
ns
Clock Low to Output Valid (Except Main Read)
(3)
t
CLQV
t
V2
7
ns
Output Hold Time
t
CLQX
t
HO
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com