Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 17Page - Dialog Semiconductor AT25SL641 Datasheet HTML 18Page - Dialog Semiconductor AT25SL641 Datasheet HTML 19Page - Dialog Semiconductor AT25SL641 Datasheet HTML 20Page - Dialog Semiconductor AT25SL641 Datasheet HTML 21Page - Dialog Semiconductor AT25SL641 Datasheet HTML 22Page - Dialog Semiconductor AT25SL641 Datasheet HTML 23Page - Dialog Semiconductor AT25SL641 Datasheet HTML 24Page - Dialog Semiconductor AT25SL641 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
20
AT25SL641
DS-25SL641–113F–12/2018
edge of SCK with most significant bit (MSB) first as shown in (Figure 7-4 and Figure 7-5). The Status Register can be read
continuously. The instruction is completed by driving CS high.
Figure 7-4.
Read Status Register Instruction (SPI Mode)
Figure 7-5.
Read Status Register Instruction (QPI Mode)
7.6
Write Status Register (01h)
The Write Status Register instruction is u s e d to write the non-volatile Status Register-1 bit (SRP0) and Status
Register-2 bits (QE and SRP1). All other Status Register bit locations are read-only and are not affected by the Write
Status Register instruction.
A Write Enable instruction must previously have been issued prior to setting Write Status Register Instruction (Status
Register bit WEL must equal 1). Once the write is enabled, the instruction is entered by driving CS low, sending the
instruction code, and then writing the status register data byte as illustrated in Figure 7-6 and Figure 7-7.
The CS pin must be driven high after either the eighth or sixteenth bit of data is clocked in. If this is not done, the Write
Status Register instruction will not be executed. If CS is driven high after the eighth clock, the CMP, QE, and SRP1 bits
are cleared to 0. After CS is driven high, the self-timed Write Status Register cycle commences for a time duration of t
w
(See AC Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register instruction may still be accessed to
check the status of the BUSY bit. The BUSY bit is d r i v e n h i g h during the Write Status Register cycle and
d r i v e n l o w when the cycle has finished and is ready to accept other instructions. When the BUSY bit is asserted,
the Write Enable Latch (WEL) bit in Status Register is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com