Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 8Page - Dialog Semiconductor AT25SL641 Datasheet HTML 9Page - Dialog Semiconductor AT25SL641 Datasheet HTML 10Page - Dialog Semiconductor AT25SL641 Datasheet HTML 11Page - Dialog Semiconductor AT25SL641 Datasheet HTML 12Page - Dialog Semiconductor AT25SL641 Datasheet HTML 13Page - Dialog Semiconductor AT25SL641 Datasheet HTML 14Page - Dialog Semiconductor AT25SL641 Datasheet HTML 15Page - Dialog Semiconductor AT25SL641 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
11
AT25SL641
DS-25SL641–113F–12/2018
6.5
Sector/Block Protect (SEC)
The Sector protect bit (SEC) is non-volatile bits in the status register (S6) that controls if the Block Protect bits (BP2, BP1, BP0)
protect 4KB Sectors (SEC = 1) or 64KB blocks (SEC = 0) in the Top (TB = 0) or the Bottom (TB = 1) of the array as shown in the
Status Register Memory protection table. The default setting is SEC = 0.
6.6
Status Register Protect (SRP1, SRP0)
The Status Register Protect bits (SRP1 and SRP0) are non-volatile read/write bits in the status register (S8 and S7). The
SRP bits control the method of write protection: software protection, hardware protection, power supply lock-down or one time
programmable (OTP) protection.
Note: 1. When SRP1, SRP0 = (1,0), a power down, power-up cycle changes SRP1, SRP0 to the (0,0) state.
6.7
Quad Enable (QE)
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that allows Quad operation.
When the QE bit is set to a 0 state (factory default) the WP pin and HOLD are enabled. When the QE pin is set to a 1 the
Quad IO
2 and IO3 pins are enabled.
WARNING: The QE bit should never be set to a 1 during standard SPI or Dual SPI operation if the WP or HOLD pins are
tied directly to the power supply or ground.
6.8
Complement Protect (CMP)
The Complement Protect bit (CMP) is a non-volatile read/write bit in the status register (S14). It is used in conjunction
with SEC, TB, BP2, BP1 and BP0 bits to provide more flexibility for the array protection. Once CMP is set to 1, previous
array protection set by SEC, TB, BP2, BP1 and BP0 are reversed. For instance, when CMP = 0, a top 4KB sector can be
protected while the rest of the array is not; when CMP = 1, the top 4KB sector will become unprotected while the rest of
the array become read-only. Please refer to the Status Register Memory Protection table for details. The default setting is
CMP = 0.
6.9
Erase/Program Suspend Status (SUS)
The Suspend Status bit (SUS) is a read only bit in the status register (S15) that is set to 1 after executing an
Erase/Program Suspend (75h) instruction. The SUS status bit is cleared to 0 by Erase/Program Resume (7Ah)
instruction as well as a power down, power-up cycle.
Table 6-3.
Status Register Protection
SRP1
SRP0
WP
Status
Register
Description
0
0
X
Software Protected WP pin no control. The register can be written to after a Write Enable
instruction, WEL = 1. [Factory Default]
0
1
0
Hardware Protected When WP pin is low the Status Register locked and can not be written
to.
0
1
1
Hardware
Unprotected
When WP pin is high the Status register is unlocked and can be
written to after a Write Enable instruction, WEL = 1.
1
0
X
Power Supply
Lock-Down
Status Register is protected and cannot be written to again until the
next power down, power-up cycle (Note 1).
1
1
X
One Time Program Status Register is permanently protected and cannot be written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com