Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 33Page - Dialog Semiconductor AT25SL641 Datasheet HTML 34Page - Dialog Semiconductor AT25SL641 Datasheet HTML 35Page - Dialog Semiconductor AT25SL641 Datasheet HTML 36Page - Dialog Semiconductor AT25SL641 Datasheet HTML 37Page - Dialog Semiconductor AT25SL641 Datasheet HTML 38Page - Dialog Semiconductor AT25SL641 Datasheet HTML 39Page - Dialog Semiconductor AT25SL641 Datasheet HTML 40Page - Dialog Semiconductor AT25SL641 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
36
AT25SL641
DS-25SL641–113F–12/2018
7.20
Chip Erase (C7h / 60h)
The Chip Erase instruction clears all bits in the device to FFh (all 1s). Prior to the Chip Erase Instruction, a Write Enable
instruction must be issued. The instruction is initiated by driving the CS pin low and shifting the instruction code C7h or
60h. Please refer to Figure 7-31.
The CS pin must go high after the eighth bit of the last byte has been latched in, otherwise, the Chip Erase instruction
will not be executed. After CS is driven high, the self-timed Chip Erase instruction commences for a duration of t
CE (See
AC Characteristics).
While the Chip Erase cycle is in progress, the Read Status Register instruction may still be accessed to check the status
of the BUSY bit. The BUSY bit is a 1 during the Chip Erase cycle and becomes a 0 when the cycle is finished and the
device is ready to accept other instructions. When the BUSY bit is asserted, the Write Enable Latch (WEL) bit in the
Status Register is cleared to 0.
Figure 7-31. Chip Erase Instruction for SPI Mode (left) and QPI Mode (right)
7.21
Erase / Program Suspend (75h)
The Erase/Program Suspend instruction allows the system to interrupt a Block Erase, Block Erase operation or a
Page Program, Quad Data Input Page Program, Quad Page Program operation.
Erase Suspend is valid only during a Block Erase operation. The Write Status Register-1 (01h), Write Status Register-2
(31h) instruction and Erase instructions (20h, 52h, D8h, C7h, 60h) are not allowed during an Erase Suspend. During the
Chip Erase operation, the Erase Suspend instruction is ignored.
Program Suspend is valid only during the Page Program, Quad Data Input Page Program or Quad Page Program
operation. The Write Status Register-1 (01h), Write Status Register-2 (31h) instruction, Program instructions (02h and
33h) and Erase Instructions (20h, 52h, D8h, C7h, 60h) are not allowed during Program Suspend.
The Erase/Program Suspend instruction 75h is accepted by the device only if the SUS bit in the Status Register equals
to 0 and the BUSY bit equals to 1 while a Block Erase or a Page Program operation is on-going. If the SUS bit equals
to 1 or the BUSY bit equals to 0, the Suspend instruction is ignored by the device. A maximum of time of t
SUS (See AC
Characteristics) is required to suspend the erase or program operation.
After executing the Erase/Program Suspend, the SUS bit in the Status Register is toggled from 0 to 1 immediately. The
BUSY bit in the Status Register is cleared from 1 to 0 within t
SUS. For a previously resumed Erase/Program operation, it
is also required that the Suspend instruction 75h is not issued earlier than a minimum of time of t
SUS following the
preceding Resume instruction 7Ah.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com