Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 28Page - Dialog Semiconductor AT25SL641 Datasheet HTML 29Page - Dialog Semiconductor AT25SL641 Datasheet HTML 30Page - Dialog Semiconductor AT25SL641 Datasheet HTML 31Page - Dialog Semiconductor AT25SL641 Datasheet HTML 32Page - Dialog Semiconductor AT25SL641 Datasheet HTML 33Page - Dialog Semiconductor AT25SL641 Datasheet HTML 34Page - Dialog Semiconductor AT25SL641 Datasheet HTML 35Page - Dialog Semiconductor AT25SL641 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
31
AT25SL641
DS-25SL641–113F–12/2018
cycle and becomes a 0 when the cycle is finished and the device is ready to accept other instructions. When the BUSY
bit is asserted, the Write Enable Latch (WEL) bit in the Status Register is cleared to 0.
Figure 7-21. Page Program Instruction (SPI Mode)
Figure 7-22. Page Program Instruction (QPI Mode)
7.16
Quad Page Program (33h)
The Quad Page Program instruction is use d to program the memory to “0” at previously erased memory areas. The Quad
Page Program uses four pins to transfer address and data: IO0, IO1, IO2 and IO3. This improves performance and data
throughput of lower clock frequencies of less than 5MHz. Systems using faster clock speed will not get more benefit for the
Quad Page Program as the required internal page program time is far more than the time required to clock data in.
To use Quad Page Program, the Quad Enable bit must be set, A Write Enable (06h) instruction must be executed
before the device can accept the Quad Page Program instruction (Status Register-1, WEL = 1). The instruction is
initiated by driving the CS pin low, then sending the instruction code 33h followed by a 24-bit address (A23 - A0) and at
least one data, into the I/O pins. The CS pin must be held low for the entire length of the instruction while data is being
sent to the device. All other functions of Quad Page Program are the same as the standard Page Program. Please



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com