Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 13Page - Dialog Semiconductor AT25SL641 Datasheet HTML 14Page - Dialog Semiconductor AT25SL641 Datasheet HTML 15Page - Dialog Semiconductor AT25SL641 Datasheet HTML 16Page - Dialog Semiconductor AT25SL641 Datasheet HTML 17Page - Dialog Semiconductor AT25SL641 Datasheet HTML 18Page - Dialog Semiconductor AT25SL641 Datasheet HTML 19Page - Dialog Semiconductor AT25SL641 Datasheet HTML 20Page - Dialog Semiconductor AT25SL641 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
16
AT25SL641
DS-25SL641–113F–12/2018
Read Quad
Manufacturer /Device ID
(4)
94h
(00_0000h, xx)
or
(00_0001h, xx)
(xxxx,MID7-MID0)
(xxxx,DID7-DID0)
(9)
Word Read Quad I/O
E7h
A23-A0,
M7-M0
(7)
(xx, D7-D0..)
(D7-D0)
(8)
Set Burst with Wrap
77h
xxxxxx, W6-W4
(7)
Table 7-4.
Instruction Set Table 3 (Quad SPI Instructions) (Continued)
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
(Clock Number)
(0 - 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47)
Table 7-5.
Instruction Set Table 4 (QPI Instructions)
Instruction Name
Byte 1
Byte 3
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Byte 8
Byte 9
(Clock Number)
(0, 1)
(2, 3)
(4, 5)
(6, 7)
(8, 9)
(10, 11)
(12, 13)
(14, 15)
(16, 17)
Write Enable
06h
Write Enable for Volatile
Status Register
50h
Write Disable
04h
Read Status Register-1
05h
(SR7-SR0)
(2)
Read Status Register-2
35h
(SR15-
SR8)
(2)
Write Status Register-1
(5)
01h
(SR7-SR0)
(SR15-
SR8)
Write Status Register-2
31h
(SR15-SR8)
Set Read Parameter
C0h
P7-P0
Fast Read
Data
>80 MHz
0Bh
A23-A16
A15-A8
A7-A0
Dummy
Dummy
(D7-D0)
>104 MHz
A23-A16
A15-A8
A7-A0
Dummy
Dummy
Dummy
(D7-D0)
up to 133
MHz
A23:A16
A15:A8
A7:A0
Dummy
Dummy
Dummy
Dummy
(D7-D0)
Page Program
02h
A23-A16
A15-A8
A7-A0
(D7-D0)(3)
Block Erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
Chip Erase
60h/C7h
Erase/Program Suspend
75h
Erase/Program Resume
7Ah
Deep Power Down
B9h
Release Deep Power
Down
ABh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com