Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 34Page - Dialog Semiconductor AT25SL641 Datasheet HTML 35Page - Dialog Semiconductor AT25SL641 Datasheet HTML 36Page - Dialog Semiconductor AT25SL641 Datasheet HTML 37Page - Dialog Semiconductor AT25SL641 Datasheet HTML 38Page - Dialog Semiconductor AT25SL641 Datasheet HTML 39Page - Dialog Semiconductor AT25SL641 Datasheet HTML 40Page - Dialog Semiconductor AT25SL641 Datasheet HTML 41Page - Dialog Semiconductor AT25SL641 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
37
AT25SL641
DS-25SL641–113F–12/2018
Unexpected power- off during the Erase/Program suspend state resets the device and releases the suspend state. The
SUS bit in the Status Register is also reset to 0. The data within the page or block that was being suspended may
become corrupted. It is recommended for the user implement system design techniques t o g u a r d against the
accidental power interruption and preserve data integrity during the erase/program suspend state. (Please refer to
Figure 7-32 and Figure 7-33).
Figure 7-32. Erase Suspend Instruction (SPI Mode)
Figure 7-33. Erase Suspend Instruction (QPI Mode)
7.22
Erase / Program Resume (7Ah)
The Erase/Program Resume instruction 7Ah is used to restart the Block Erase operation or the Page Program operation
after an Erase/Program Suspend (75h). The Resume instruction 7Ah is accepted by the device only if the SUS bit in the
Status Register is set and the BUSY bit is cleared. After the 7Ah instruction is issued, hardware clears the SUS bit
immediately and sets the BUSY bit within 200ns. The block completes the erase operation or the page completes the
program operation. If e i t h e r the SUS bit is cleared or the BUSY bit is set, the Resume instruction 7Ah is ignored by
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com