Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8553
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8553 Datasheet HTML 15Page - NXP Semiconductors PCF8553 Datasheet HTML 16Page - NXP Semiconductors PCF8553 Datasheet HTML 17Page - NXP Semiconductors PCF8553 Datasheet HTML 18Page - NXP Semiconductors PCF8553 Datasheet HTML 19Page - NXP Semiconductors PCF8553 Datasheet HTML 20Page - NXP Semiconductors PCF8553 Datasheet HTML 21Page - NXP Semiconductors PCF8553 Datasheet HTML 22Page - NXP Semiconductors PCF8553 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
aaa-011868
state 1
COM0
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 2
COM1
state 2
state 1
VSS
VLCD
VLCD/2
VSS
VSS
VLCD
VLCD
VSS
VLCD
VLCD
VLCD
0 V
0 V
VLCD/2
VLCD/2
VLCD/2
- VLCD
- VLCD/2
- VLCD/2
SEGn
SEGn+1
Tfr
- VLCD
Vstate1(t) = VSEGn(t) - VCOM0(t).
Von(RMS) = 0.791VLCD.
Vstate2(t) = VSEGn(t) - VCOM1(t).
Voff(RMS) = 0.354VLCD.
Figure 11. Waveforms for the 1:2 multiplex drive mode with 1⁄2 bias
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
19 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com