Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8553
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8553 Datasheet HTML 1Page - NXP Semiconductors PCF8553 Datasheet HTML 2Page - NXP Semiconductors PCF8553 Datasheet HTML 3Page - NXP Semiconductors PCF8553 Datasheet HTML 4Page - NXP Semiconductors PCF8553 Datasheet HTML 5Page - NXP Semiconductors PCF8553 Datasheet HTML 6Page - NXP Semiconductors PCF8553 Datasheet HTML 7Page - NXP Semiconductors PCF8553 Datasheet HTML 8Page - NXP Semiconductors PCF8553 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
6 Pinning information
6.1 Pinning
PCF8553DTT
PCF8553DTT
1
SEG34
56 SEG33
2
SEG35
55 SEG32
3
SEG36
54 SEG31
4
SEG37
53 SEG30
5
SEG38
52 SEG29
6
SEG39
51 SEG28
7
COM0
50 SEG27
8
COM1
49 SEG26
9
COM2
48 SEG25
10
COM3
47 SEG24
11
VLCD
46 SEG23
12
VDD
45 SEG22
13
IFS
44 SEG21
14
VSS
43 SEG20
15
RST
42 SEG19
16
SDIO
41 SEG18
17
A0
40 SEG17
18
CLK
39 SEG16
19
SCL
38 SEG15
20
SDA/CE
37 SEG14
21
PORE
36 SEG13
22
A1
35 SEG12
23
SEG0
34 SEG11
24
SEG1
33 SEG10
25
SEG2
32 SEG9
26
SEG3
31 SEG8
27
SEG4
30 SEG7
28
SEG5
29 SEG6
aaa-011473
Figure 2. Pin configuration of PCF8553DTT (TSSOP56)
6.2 Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description
Backplane and segment outputs
Table 3. Pin description of PCF8553DTT (TSSOP56)
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
3 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com