Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8553
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8553 Datasheet HTML 28Page - NXP Semiconductors PCF8553 Datasheet HTML 29Page - NXP Semiconductors PCF8553 Datasheet HTML 30Page - NXP Semiconductors PCF8553 Datasheet HTML 31Page - NXP Semiconductors PCF8553 Datasheet HTML 32Page - NXP Semiconductors PCF8553 Datasheet HTML 33Page - NXP Semiconductors PCF8553 Datasheet HTML 34Page - NXP Semiconductors PCF8553 Datasheet HTML 35Page - NXP Semiconductors PCF8553 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 1.8 V to 5.5 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ro
output resistance
VLCD = 5 V
[3] -
1.5
3
Table 17. Electrical characteristics...continued
[1]
For typical values, also see Figure 22 to Figure 24.
[2]
I2C pins SCL and SDA have no diode to VDD and may be driven up to 5.5 V.
[3]
Outputs measured one at a time.
aaa-012359
-50
-30
-10
10
30
50
70
90
1
1
10
10
102
102
103
103
Tamb (°C)
IDD
IDD
(nA)
(nA)
IDD(LCD)
IDD(LCD)
(nA)
(nA)
(1)
(1)
(2)
(2)
VDD = 5.5 V, VLCD = 5.5 V; power-down mode.
1. IDD.
2. IDD(LCD).
Figure 22. Typical IDD and IDD(LCD) in power-down mode as function of temperature
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
32 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com