Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF8553
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF8553 Datasheet HTML 31Page - NXP Semiconductors PCF8553 Datasheet HTML 32Page - NXP Semiconductors PCF8553 Datasheet HTML 33Page - NXP Semiconductors PCF8553 Datasheet HTML 34Page - NXP Semiconductors PCF8553 Datasheet HTML 35Page - NXP Semiconductors PCF8553 Datasheet HTML 36Page - NXP Semiconductors PCF8553 Datasheet HTML 37Page - NXP Semiconductors PCF8553 Datasheet HTML 38Page - NXP Semiconductors PCF8553 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
aaa-012364
32
64
96
128
160
0
256
512
768
1024
1280
1536
ffr (Hz)
fclk
fclk
(Hz)
(Hz)
(4)
(4)
(3)
(3)
(2)
(2)
(1)
(1)
1. nMUX = 1.
2. nMUX = 2.
3. nMUX = 3.
4. nMUX = 4.
Figure 25. Relation of frame frequency (ffr), clock frequency (fclk) and multiplex-rate (nMUX)
VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C; unless otherwise specified; all timing values are valid within the
operating supply voltage and Tamb range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD. [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pin SCL
fSCL
SCL clock frequency
-
-
400
kHz
tLOW
LOW period of the SCL
clock
1.3
-
-
µs
tHIGH
HIGH period of the SCL
clock
0.6
-
-
µs
Pin SDA
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
Pins SCL and SDA
tBUF
bus free time between
a STOP and START
condition
1.3
-
-
µs
tSU;STO
set-up time for STOP
condition
0.6
-
-
µs
tHD;STA
hold time (repeated)
START condition
0.6
-
-
µs
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
µs
Table 19. I2C-bus characteristics
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
35 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com