Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8553
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8553 Datasheet HTML 24Page - NXP Semiconductors PCF8553 Datasheet HTML 25Page - NXP Semiconductors PCF8553 Datasheet HTML 26Page - NXP Semiconductors PCF8553 Datasheet HTML 27Page - NXP Semiconductors PCF8553 Datasheet HTML 28Page - NXP Semiconductors PCF8553 Datasheet HTML 29Page - NXP Semiconductors PCF8553 Datasheet HTML 30Page - NXP Semiconductors PCF8553 Datasheet HTML 31Page - NXP Semiconductors PCF8553 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
Bit
Symbol
Value
Description
data read or write selection
0
write data
7
R/W
1
read data
6 to 5
-
00
default value
pointer to register start address
4 to 0
AP[4:0]
00h to 17h
valid range; other addresses are ignored
Table 15. Address byte definition
After the register address byte, the register contents follows with the address pointer
being auto-incremented after every eighth bit sent (see Section 7.1).
10.2.1.1 Write protocol
After the CE is set LOW, the PCF8553 requires that R/W and the register address pointer
is defined. It can take the value 00h to 17h. Values outside of that range will result in the
transfer being ignored.
After the register address has been transmitted, write data is transmitted. The minimum
number of data write bytes is 0 and the maximum number is unlimited. After each write,
the address pointer increments by one. After address 17h, the address pointer stops
incrementing at 18h.
• CE set LOW
• R/W = 0 and register address
• write data
• write data
• :
• write data
• CE set HIGH
aaa-011951
register data
register data
AP[4:0]
R/W default
SCL
SDIO
CE
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
b7
0
b6
0
b5
0
b4
0
b3
1
b2
1
b1
1
b0
1
Data transfers are terminated by de-asserting CE (set CE to logic 1).
Figure 19. SPI-bus write example: writing two data bytes to registers 00h and 01h
10.2.1.2 Read protocol
When reading the PCF8553, reading starts at the defined position of the address pointer.
After setting the address pointer, the read can be executed. After each read, the address
pointer increments by one. After address 17h, the address pointer stops incrementing at
18h.
• CE set LOW
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
28 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com