Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8553
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8553 Datasheet HTML 22Page - NXP Semiconductors PCF8553 Datasheet HTML 23Page - NXP Semiconductors PCF8553 Datasheet HTML 24Page - NXP Semiconductors PCF8553 Datasheet HTML 25Page - NXP Semiconductors PCF8553 Datasheet HTML 26Page - NXP Semiconductors PCF8553 Datasheet HTML 27Page - NXP Semiconductors PCF8553 Datasheet HTML 28Page - NXP Semiconductors PCF8553 Datasheet HTML 29Page - NXP Semiconductors PCF8553 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
10.1.4 I2C interface protocol
The PCF8553 uses the I2C interface for data transfer. Interpretation of the data is
determined by the interface protocol.
10.1.4.1 Write protocol
After the I2C slave address is transmitted, the PCF8553 requires that the register address
pointer is defined. It can take the value 00h to 17h. Values outside of that range will
result in the transfer being ignored, however the slave will still respond with acknowledge
pulses.
After the register address has been transmitted, write data is transmitted. The minimum
number of data write bytes is 0 and the maximum number is unlimited. After each write,
the address pointer increments by one. After address 17h, the address pointer stops
incrementing at 18h.
• I2C START condition
• I2C slave address + write
• start register pointer
• write data
• write data
• :
• write data
• I2C STOP condition; an I2C RE-START condition is also possible.
10.1.4.2 Read protocol
When reading the PCF8553, reading starts at the current position of the address pointer.
The address pointer for read data should first be defined by a write sequence.
• I2C START condition
• I2C slave address + write
• start address pointer
• I2C STOP condition; an I2C RE-START condition is also possible.
After setting the address pointer, a read can be executed. After the I2C slave address is
transmitted, the PCF8553 will immediately output read data. After each read, the address
pointer increments by one. After address 17h, the address pointer stops incrementing at
18h.
• I2C START condition
• I2C slave address + read
• read data (master sends acknowledge bit)
• read data (master sends acknowledge bit)
• :
10.1.4.3 I2C-bus slave address
Device selection depends on the I2C-bus slave address. Four different I2C-bus slave
addresses can be used to address the PCF8553 (see Table 12).
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
26 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com