Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8553
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8553 Datasheet HTML 26Page - NXP Semiconductors PCF8553 Datasheet HTML 27Page - NXP Semiconductors PCF8553 Datasheet HTML 28Page - NXP Semiconductors PCF8553 Datasheet HTML 29Page - NXP Semiconductors PCF8553 Datasheet HTML 30Page - NXP Semiconductors PCF8553 Datasheet HTML 31Page - NXP Semiconductors PCF8553 Datasheet HTML 32Page - NXP Semiconductors PCF8553 Datasheet HTML 33Page - NXP Semiconductors PCF8553 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
12 Safety notes
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe
precautions for handling electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5,
JESD625-A or equivalent standards.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD
supply voltage (VLCD) is on while the IC supply voltage (VDD) is off, or vice
versa. This may cause unwanted display artifacts. To avoid such artifacts,
VLCD and VDD must be applied or removed together.
13 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+6.5
V
VLCD
LCD supply voltage
-0.5
+6.5
V
VI
input voltage
-0.5
+6.5
V
VO
output voltage
-0.5
+6.5
V
II
input current
-10
+10
mA
IO
output current
-10
+10
mA
IDD
supply current
-50
+50
mA
IDD(LCD)
LCD supply current
-50
+50
mA
ISS
ground supply current
-50
+50
mA
Ptot
total power dissipation
-
100
mW
Po
output power
-
100
mW
HBM
[1]
on pins SCL and
SDA/CE
-
±2 000
V
on all other pins
-
±5 000
V
VESD
electrostatic discharge
voltage
CDM
[2] -
±1 500
V
Ilu
latch-up current
[3] -
200
mA
Tstg
storage temperature
[4] -55
+150
°C
Tamb
ambient temperature
operating device
-40
+85
°C
Table 16. Limiting values
[1]
Pass level; Human Body Model (HBM), according to [1].
[2]
Pass level; Charged-Device Model (CDM), according to [2].
[3]
Pass level; latch-up testing according to [3] at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see [6]) the devices have to be stored at a temperature of +8 °C to +45 °C and a humidity of 25 % to
75 %.
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
30 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com