Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet(PDF) 27 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 27 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 23Page - Microchip Technology ZL30263 Datasheet HTML 24Page - Microchip Technology ZL30263 Datasheet HTML 25Page - Microchip Technology ZL30263 Datasheet HTML 26Page - Microchip Technology ZL30263 Datasheet HTML 27Page - Microchip Technology ZL30263 Datasheet HTML 28Page - Microchip Technology ZL30263 Datasheet HTML 29Page - Microchip Technology ZL30263 Datasheet HTML 30Page - Microchip Technology ZL30263 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
ZL30260-ZL30263
Data Sheet
27
© 2021 Microchip Technology Inc.
DS20006554A
5.8
Interrupt Logic
Any of the GPIO pins can be configured as an interrupt-request output by setting the appropriate GPIOxC field in the
GPIOCR registers to one of the status output options (01xx) and configuring the appropriate GPIOxSS register to
follow the INTSR.INT bit. If system software is written to poll rather than receive interrupt requests, then software
can read the INTSR.INT bit first to determine if any interrupt requests are active in the device.
Many of the latched status bits in the device can be the source of an interrupt request if their corresponding interrupt
enable bits are set.
The device’s interrupt logic is shown in Figure 13. See the register map (Table 4) and the status
register descriptions in section 6.3.2 for descriptions of the register bits shown in the figure.
Figure 13 - Interrupt Structure
INTSR.INT
INTSR.INTIE
INTSR.OC
OC1SR.LSCLKIE
OC1SR.LSCLKL
OC1SR.STARTIE
OC1SR.STARTL
OC1SR.STOPIE
OC1SR.STOPL
OC2SR.LSCLKIE
OC2SR.LSCLKL
OC2SR.STARTIE
OC2SR.STARTL
OC2SR.STOPIE
OC2SR.STOPL
OC10SR.LSCLKIE
OC10SR.LSCLKL
OC10SR.STARTIE
OC10SR.STARTL
OC10SR.STOPIE
OC10SR.STOPL
OCISR.OC2
OCISR.OC1
OCISR.OC10
GPIOnSS
GPIOCRx.GPIOnC
GPIOn
INTSR.IC
IC1SR.ICVIE
IC1SR.ICVL
IC2SR.ICVIE
IC2SR.ICVL
IC3SR.ICVIE
IC3SR.ICVL
ICISR.IC1
ICISR.IC2
ICISR.IC3
INTSR.APLL
APLLIE.ALKIE
APLLSR.ALKL
APLLISR.APLL
APLLIE.AIFHIE
APLLSR.AIFHL
APLLIE.AIFLIE
APLLSR.AIFLL
GLOBISR.GPIOxIE
GPIOSR.GPIOxL
x4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com