Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet(PDF) 64 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 64 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 60Page - Microchip Technology ZL30263 Datasheet HTML 61Page - Microchip Technology ZL30263 Datasheet HTML 62Page - Microchip Technology ZL30263 Datasheet HTML 63Page - Microchip Technology ZL30263 Datasheet HTML 64Page - Microchip Technology ZL30263 Datasheet HTML 65Page - Microchip Technology ZL30263 Datasheet HTML 66Page - Microchip Technology ZL30263 Datasheet HTML 67Page - Microchip Technology ZL30263 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
ZL30260-ZL30263
Data Sheet
64
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
F1REM1
Register Description:
APLL Fractional Output Divider Remainder Register 1
Register Address:
14Ah
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FREM[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Fractional Output Divider Remainder (FREM[7:0]). The full 32-bit FREM[31:0] field spans F1REM1
through F1REM4 registers. FREM is an unsigned integer that specifies the remainder of the fractional output divider
value. See section 5.5.5.
Register Name:
F1REM2
Register Description:
APLL Fractional Output Divider Remainder Register 2
Register Address:
14Bh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FREM[15:8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Fractional Output Divider Remainder (FREM [15:8]). See the F1REM1 register description.
Register Name:
F1REM3
Register Description:
APLL Fractional Output Divider Remainder Register 3
Register Address:
14Ch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FREM[23:16]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Fractional Output Divider Remainder (FREM [23:16]). See the F1REM1 register description.
Register Name:
F1REM4
Register Description:
APLL Fractional Output Divider Remainder Register 4
Register Address:
14Dh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FREM[31:24]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Fractional Output Divider Remainder (FREM [31:24]). See the F1REM1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com