Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet(PDF) 7 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 3Page - Microchip Technology ZL30263 Datasheet HTML 4Page - Microchip Technology ZL30263 Datasheet HTML 5Page - Microchip Technology ZL30263 Datasheet HTML 6Page - Microchip Technology ZL30263 Datasheet HTML 7Page - Microchip Technology ZL30263 Datasheet HTML 8Page - Microchip Technology ZL30263 Datasheet HTML 9Page - Microchip Technology ZL30263 Datasheet HTML 10Page - Microchip Technology ZL30263 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
ZL30260-ZL30263
Data Sheet
7
© 2021 Microchip Technology Inc.
DS20006554A
4. Pin Descriptions
All device inputs and outputs are LVCMOS unless described otherwise. The Type column uses the following symbols:
I
– input, O – output, A – analog, P – power supply pin. All GPIO and SPI/I2C interface pins have Schmitt-trigger
inputs and have output drivers that can be disabled (high impedance).
Table 1 - Pin Descriptions
Pin #
Name
Type
Description
15, 16
18, 19
20
IC1P, IC1N
IC2P, IC2N
IC3P
I
I
I
Input Clock Pins
Differential or Single-ended signal format. Programmable frequency.
Differential: See Table 9 for electrical specifications, and see Figure 15 for
recommended external circuitry for interfacing these differential inputs to
LVDS, LVPECL, CML or HSCL output pins on neighboring devices.
Single-ended: For input signal amplitude >2.5V, connect the signal directly to
ICxP pin. For input signal amplitude
≤2.5V, AC-coupling the signal to ICxP
is recommended. Connect the N pin to a capacitor (0.1
F or 0.01F) to
VSS. As shown in Figure 15, the ICxP and ICxN pins are internally biased
to approximately 1.3V. Treat the ICxN pin as a sensitive node; minimize
stubs; do not connect to anything else including other ICxN pins.
Unused: Set ICEN.ICxEN=0. The ICxP and ICxN pins can be left floating.
Note that the IC3N pin is not bonded out. A differential signal can be
connected to IC3P by AC-coupling the POS trace to IC3P and terminating
the signal on the driver side of the coupling cap.
12
13
XA
XB
A / I
Crystal or Input Clock Pins
Crystal: MCR2.XAB=01. An on-chip crystal driver circuit is designed to work
with an external crystal connected to the XA and XB pins. See section
5.3.2 for crystal characteristics and recommended external components.
Input Clock: MCR2.XAB=10. An external local oscillator or clock signal can be
connected to the XA pin. The XB pin must be left unconnected. The signal
on XA can be as large as 3.3V even when VDDH is only 2.5V.
8, 9
6, 5
2, 3
55, 56
53, 52
47, 48
45, 44
41, 40
37, 38
35, 34
OC1P, OC1N
OC2P, OC2N
OC3P, OC3N
OC4P, OC4N
OC5P, OC5N
OC6P, OC6N
OC7P, OC7N
OC8P, OC8N
OC9P, OC9N
OC10P, OC10N
O
Output Clock Pins
LVDS, programmable differential (which includes LVPECL), HCSL, HSTL or
1 or 2 CMOS. Programmable frequency. Programmable VCM and VOD in
programmable differential mode. Programmable drive strength in CMOS
and HSTL modes. See Figure 17 for example external interface circuitry.
See Table 10, Table 11 and Table 12 for electrical specifications for LVDS,
LVPECL and HCSL, respectively.
See Table 13 for electrical specifications for interfacing to CMOS and HSTL
inputs on neighboring devices.
Outputs OC2, OC5, OC7 and OC10 are not present on 6-output products.
29
RSTN
I
Reset (Active Low)
When this global asynchronous reset is pulled low, all internal circuitry is reset
to default values. The device is held in reset as long as RSTN is low.
Minimum low time is 1µs.
23
22
28
AC0/GPIO0
AC1/GPIO1
AC2/GPIO2
I/O
Auto-Configure [2:0] / General Purpose I/O 0, 1 and 2
Auto Configure: On the rising edge of RSTN these pins behave as AC[2:0]
and specify one of the configurations stored in ROM or EEPROM. See
section 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com