Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet(PDF) 91 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 91 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 86Page - Microchip Technology ZL30263 Datasheet HTML 87Page - Microchip Technology ZL30263 Datasheet HTML 88Page - Microchip Technology ZL30263 Datasheet HTML 89Page - Microchip Technology ZL30263 Datasheet HTML 90Page - Microchip Technology ZL30263 Datasheet HTML 91Page - Microchip Technology ZL30263 Datasheet HTML 92Page - Microchip Technology ZL30263 Datasheet HTML 93Page - Microchip Technology ZL30263 Datasheet HTML 94Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
ZL30260-ZL30263
Data Sheet
91
© 2021 Microchip Technology Inc.
DS20006554A
11. Data Sheet Revision History
Revision
Description
26-Sep-2016
First general release
08-Dec-2016
On page 1 added PCIe bullet.
In Table 1, OCx pin description, clarified what is programmable for each mode.
Added new Figure 17.
In Table 15 added max Input-to-Output Delay Variation numbers for external feedback using
on-die path.
In Table 17 added min, typ and max values for buffer Input-to-Output Propagation Delay. In
footnotes 3 and 4 added “Measured at 125MHz”.
In Figure 17 added CMOS diagram.
12-Jun-2017
In section 2.4 and section 5.5.6.2 added note that NCO resolution of 1ppt is possible.
Corrected references to MCR1.XAB to MCR2.XAB.
Corrected four occurrences of VCCOx to VDDOx.
Added pullup recommendations to SCL/SCLK and SDA/MOSI pin descriptions.
Change ID2
.REV default value to “contact factory”.
In OCxCR2
.OCSF HCSL decode, deleted “VCM and VOD are ignored”.
17-Jul-2017
In Figure 17 removed the 50ohm to ground termination option from the CMOS diagram.
05-Sep-2017
In Table 1
TEST/GPIO3 pin description, changed “TEST must be low on the rising edge of
RSTN” to “Typically TEST should be low on the rising edge of RSTN, but see section 5.2 for
some options.”
In section 5.6.2 added the statement that maximum input frequency to the medium-speed
divider is 750MHz.
In section 5.6.5 clarified that signals from the same IntDiv or FracDiv are aligned and that
aligning clocks from IntDiv with clocks from FracDiv is not supported.
In section 5.9 added new subsection 5.9.1 to guide users in the use of external RC reset
circuits.
19-Jan-2018
In the F1REM1 regi
ster description deleted “The value FREM=0 is undefined. When FBP=0,
FREM must be set to 0.
”
In the F1DEN1
register description deleted “When FBP=0, FDEN must be set to 1.”
In the F1BP register description
deleted “When FBP=0, FREM must be set to 0 and FDEN
must be set to 1.
”
In the AFBREM1 registe
r description deleted “When AFBBP=0, AFBREM must be set to 0.”
IIn the AFBBP
register description deleted “When AFBBP=0, AFBREM must be set to 0 and
AFBDEN must be set to 1.
”
29-May-2018
On page 1 and in section 2.3 changed wording to indicate PCIe 1-4 compliance.
In OCxCR3.NEGLSD description added to note that OCxCR3.LSSEL must be 0 to set
NEGLSD=1.
14-Sep-2018
In Table 17, corrected typo for "Input-to-Output Propagation Delay, from IC3 input" in the Note
4 row where the max of 2.8 was less than typical of 3.4. Corrected the max to 3.8.
In the OCxCR2.OCSF description, deleted "(must have VDDOx=VDDH=3.3V)" from the HCSL
decode.
Updated Table 10 Note 1 and Table 11 Note 1 and added cross reference to Figure 17 parts a)
and b).
Updated Figure 17 to include new part c) and added noted about part c) below the figure.
In section 5.9.1 second paragraph added need for current-limiting series resistor between
source of reset signal and device RSTN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com