Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet(PDF) 12 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 12 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 8Page - Microchip Technology ZL30263 Datasheet HTML 9Page - Microchip Technology ZL30263 Datasheet HTML 10Page - Microchip Technology ZL30263 Datasheet HTML 11Page - Microchip Technology ZL30263 Datasheet HTML 12Page - Microchip Technology ZL30263 Datasheet HTML 13Page - Microchip Technology ZL30263 Datasheet HTML 14Page - Microchip Technology ZL30263 Datasheet HTML 15Page - Microchip Technology ZL30263 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
ZL30260-ZL30263
Data Sheet
12
© 2021 Microchip Technology Inc.
DS20006554A
The crystal, traces, and two external capacitors sites (if included) should be placed on the board as close as possible
to the XA and XB pins to reduce crosstalk of active signals into the oscillator. Also no active signals should be routed
under the crystal circuitry.
Note: Crystals have temperature sensitivies that can cause frequency changes in response to ambient temperature
changes. In applications where significant temperature changes are expected near the crystal, it is recommended
that the crystal be covered with a thermal cap, or an external XO or TCXO should be used instead.
Table 2 - Crystal Selection Parameters
Parameter
Symbol
Min.
Typ.
Max.
Units
Crystal Oscillation Frequency1
fOSC
25
60
MHz
Shunt Capacitance
CO
2
5
pF
Load Capacitance3
CL
8
10
16
pF
Equivalent Series Resistance
(ESR)2
fOSC < 40MHz
RS
60
fOSC > 40MHz
RS
50
Maximum Crystal Drive Level
100
100, 200,
300
W
Note 1:
Higher frequencies give lower output jitter, all else being equal.
Note 2:
These ESR limits are chosen to constrain crystal drive level to less than 100
W. If the crystal can tolerate a drive level greater than
100
W then proportionally higher ESR is acceptable.
Note 3:
For crystals with 100
W max drive level: (a) f
OSC>55MHz and CL12pF is not supported, and (b) fOSC>45MHz and CL16pF is not
supported. Crystals with max drive level of 200
W or higher do not have these limitations.
Parameter
Symbol
Min.
Typ.
Max.
Units
Crystal Frequency Stability vs. Power Supply
fFVD
0.2
0.5
ppm per
10%
 in
VDD
Any known frequency inaccuracy of the crystal can be compensated in the APLL by adjusting the APLL's fractional
feedback divider value (AFBDIV) by ppb or ppm to compensate for crystal frequency error.
5.3.3
Clock Doublers
Figure 1
shows an optional clock doubler (“x2” block) following the crystal driver block. The doubler, which is enabled
by setting MCR2.DBL=1, can be used to double the frequency of the internal crystal driver circuit or a 20MHz to
78.125MHz clock signal on the XA pin. For input clock frequencies from 25MHz to 78.125MHz the duty cycle of the
signal can be anywhere in the 40% to 60% range. For input clock frequencies from 20MHz to 25MHz the duty cycle
must be in the 45% to 55% range. Figure 1 also shows an optional doubler at the input of the APLL. This APLL input
doubler, which is enabled by setting ACR1.INDBL=1, can be used to double the frequency of any of the inputs. The
following table shows scenarios when the clock doubler can be used.
Scenario
With Crystal
With XO or Clock Signal
APLL, Integer Multiply
Yes1
Maybe1
APLL, Fractional Multiply
Yes
Yes
NCO
Yes
Yes
Spread-Spectrum
Yes
Yes
APLL bypass path or Path 2
No2
No2
Note 1: For APLL integer multiplication, use of the doubler is application-dependent. On the positive side, use of the doubler
reduces random jitter. On the negative side, the doubler causes a spur at the XA frequency (but this spur may be outside
the band of interest for the application).
Note 2: The signal generated by the doubler has a very narrow and variable pulse width and therefore it is not recommended
to connect the doubler signal directly to the OCx outputs using the APLL bypass path or Path 2. The doubler signal is fine
as an input to the APLL, which filters the duty cycle distortion and produces a 50% duty cycle output.
Note 3: Using both doublers in series to double the XA-doubled signal is not supported.
5.3.4
Ring Oscillator (for Auto-Configuration)
After reset the internal auto-configuration boot controller is clocked by an internal ring oscillator. After auto-
configuration is complete (GLOBISR.BCDONE=1) the ring oscillator can be disabled by setting MCR1.ROSCD=1.
The device’s processor interface is asynchronous and does not require the ring oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com