Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet(PDF) 39 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 39 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 35Page - Microchip Technology ZL30263 Datasheet HTML 36Page - Microchip Technology ZL30263 Datasheet HTML 37Page - Microchip Technology ZL30263 Datasheet HTML 38Page - Microchip Technology ZL30263 Datasheet HTML 39Page - Microchip Technology ZL30263 Datasheet HTML 40Page - Microchip Technology ZL30263 Datasheet HTML 41Page - Microchip Technology ZL30263 Datasheet HTML 42Page - Microchip Technology ZL30263 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
ZL30260-ZL30263
Data Sheet
39
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
OCMUX2
Register Description:
Output Clock Mux Register 2
Register Address:
08h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
-
-
OCMUXF
OCMUXE
OCMUXD
Default
0
0
0
0
0
0
0
0
Bits 5 to 4: Output Clock Mux F (OCMUXF[1:0]). Controls the high speed output mux for output group F (OC9 and
OC10).
00 = APLL Integer divider
01 = APLL Fractional divider or bypass path (specified by ACR1.BYPASS)
10 = {unused value}
11 = Path 2 (see block diagram in Figure 1)
Bits 3 to 2: Output Clock Mux E (OCMUXE[1:0]). Controls the high speed output mux for output group E (OC8).
00 = APLL Integer divider
01 = APLL Fractional divider or bypass path (specified by ACR1.BYPASS)
10 = {unused value}
11 = Path 2 (see block diagram in Figure 1)
Bits 1 to 0: Output Clock Mux D (OCMUXD[1:0]). Controls the high speed output mux for output group D (OC6
and OC7).
00 = APLL Integer divider
01 = APLL Fractional divider or bypass path (specified by ACR1.BYPASS)
10 = {unused value}
11 = Path 2 (see block diagram in Figure 1)
Register Name:
STOPCR1
Register Description:
Output Clock Stop Control Register 1
Register Address:
09h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
OC8STP
OC7STP
OC6STP
OC5STP
OC4STP
OC3STP
OC2STP
OC1STP
Default
0
0
0
0
0
0
0
0
Bit 7: OC8 Stop Control (OC8STP). When SRC=0001 in the OC8STOP register, setting this bit to 1 causes OC8
to stop. Note that this signal is ORed with MCR1
.STOP to make OC8’s internal stop control signal. See section 5.6.7.
Bits 6 to 0: These bits are similar to OC8STP above but for OC7 through OC1.
Register Name:
STOPCR2
Register Description:
Output Clock Stop Control Register 2
Register Address:
0Ah
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
—
—
OC10STP
OC9STP
Default
0
0
0
0
0
0
0
0
Bits 1 to 0: These bits are similar to STOPCR1.OC8STP but for OC10 and OC9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com