Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet(PDF) 8 Page - Microchip Technology

Part # ZL30263
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30263 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ZL30263 Datasheet HTML 4Page - Microchip Technology ZL30263 Datasheet HTML 5Page - Microchip Technology ZL30263 Datasheet HTML 6Page - Microchip Technology ZL30263 Datasheet HTML 7Page - Microchip Technology ZL30263 Datasheet HTML 8Page - Microchip Technology ZL30263 Datasheet HTML 9Page - Microchip Technology ZL30263 Datasheet HTML 10Page - Microchip Technology ZL30263 Datasheet HTML 11Page - Microchip Technology ZL30263 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
ZL30260-ZL30263
Data Sheet
8
© 2021 Microchip Technology Inc.
DS20006554A
Pin #
Name
Type
Description
General-Purpose I/O: After reset these pins are GPIO0, GPIO1 and GPIO2.
GPIOCR1 and GPIOCR2.GPIO2C configure these pins. Their states are
indicated in GPIOSR which has both real-time and latched status bits.
Note that when the power supply arrangement for the device has
VDDL=1.8V, during the interval between VDDH ramping and VDDL ramping
these pins can briefly behave as an output driving high.
21
TEST/GPIO3
I/O
Factory Test / General Purpose I/O 3
Factory Test: On the rising edge of RSTN the pin behaves as TEST. Factory
test mode is enabled when TEST is high. Typically TEST should be low on
the rising edge of RSTN, but see section 5.2 for some options where TEST
can be high on the rising edge of RSTN.
General-Purpose I/O: After reset this pin is GPIO3. GPIOCR2.GPIO3C
configures the pin. It state is indicated in GPIOSR which has both real-time
and latched status bits.
Note that when the power supply arrangement for the device has
VDDL=1.8V, during the interval between VDDH ramping and VDDL ramping
this pin can briefly behave as an output driving high.
27
IF0/CSN
I/O
Interface Mode 0 / SPI Chip Select (Active Low)
Interface Mode: On the rising edge of RSTN the pin behaves as IF0 and,
together with IF1, specifies the interface mode for the device. See section 5.2.
SPI Chip Select: After reset this pin is CSN. When the device is configured as
a SPI slave, an external SPI master must assert (low) CSN to access device
registers. When the device is configured as a SPI master (ZL30260, ZL30262
only), the device asserts CSN to access an external SPI EEPROM during
auto-configuration and then changes CSN to an input during normal
operation. CSN should not be allowed to float.
26
IF1/MISO
I/O
Interface Mode 1 / SPI Master-In-Slave-Out
Interface Mode: On the rising edge of RSTN the pin behaves as IF1 and,
together with IF0, specifies the interface mode for the device. See section 5.2.
SPI MISO: After reset this pin is MISO. When the device is configured as a
SPI slave, the device outputs data to an external SPI master on MISO during
SPI read transactions. When the device is configured as a SPI master
(ZL30260, ZL30262 only), the device receives data on MISO from an external
SPI EEPROM during auto-configuration.
24
SCL/SCLK
I/O
I2C Clock / SPI Clock
I2C Clock: When the device is configured as an I2C slave, an external I2C
master must provide the I2C clock signal on the SCL pin. In I2C mode this pin
should be externally pulled high by a 1k
 to 5k resistor.
SPI Clock: When the device is configured as a SPI slave, an external SPI
master must provide the SPI clock signal on SCLK. When the device is
configured as a SPI master (ZL30260, ZL30262 only), the device drives
SCLK as an output to clock accesses to an external SPI EEPROM during
auto-configuration.
25
SDA/MOSI
I/O
I2C Data / SPI Master-Out-Slave-In
I2C Data: When the device is configured as an I2C slave, SDA is the
bidirectional data line between the device and an external I2C master. In I2C
mode this pin should be externally pulled high by a 1k
 to 5k resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com