Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4558WHCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4558WHCPZ-R7
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558WHCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4558WHCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADA4558
Rev. 0 | Page 3 of 12
SPECIFICATIONS
Supply voltage (VDD12) = 12 V, common-mode voltage (VCM) = 2 V, and TA = 25°C, unless otherwise specified. Minimum and maximum
values are specified over the full supply voltage and a temperature range of −40°C to +150°C.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY (SYSTEM)
Supply Voltage
VDD12
6
12
18
V
Operating Range1
VDD12, LOAD DUMP
Load dump for 0.3 sec
27
V
VDD12, JUMP START
Jump start for 60 sec
26
V
Undervoltage Lockout (UVLO)
VUVLO
Rising
5.1
V
Hysteresis
0.2
V
Supply Current
ISY
Normal operation, VREG current (IVREG), LIN
current (ILIN) = 0 mA, TA = −40°C to +85°C
5.0
7
mA
Normal operation, IVREG, ILIN = 0 mA, TA =
−40°C to +150°C
8.2
mA
Sleep Mode Current
Enabled with inactivity on the LIN bus
150
µA
VREG Output
VREG
3.8
4.0
4.2
V
VREG Temperature Coefficient2
95
ppm/°C
DVDD Regulated Voltage
DVDD
1.6
1.8
2.0
V
SYSTEM SPECIFICATIONS
Full-Scale Accuracy with Calibration
Sensor characteristic dependent
PGA gain = 2.94 V/V to 162.52 V/V
0.1
% FSR
PGA gain = 224.72 V/V to 971.10 V/V
0.25
% FSR
INPUT STAGE
PGA Gain Setting
2.94
971.10
V/V
Common-Mode Input Voltage Range
34
65
% VREG
Bridge Resistance
RBR
2
20
kΩ
Input Electromagnetic Interference
(EMI) Filter3
Cutoff Frequency (f−3 dB)
Differential
0.55
MHz
f−3dB Common Mode
0.58
MHz
Input Offset
Voltage4
VOS
5
20
µV
Voltage Drift
TCVOS
10
nV/°C
Maximum Input Capacitance
VPOS/VNEG nodes
15
nF
COARSE OFFSET5
Bridge Offset Cancellation Range
At PGA input
±60
mV/V
Offset Trim
Resolution
PGA gain = 2.94
6
Bits
PGA gain = 971.10
14
Bits
Step Size
At PGA output
31
mV
COARSE GAIN
Gain Setting Accuracy
Gain = 2.94 to 162.52
−1.2
±0.2
+1.2
%
Gain = 224.72 to 971.10
−2.75
±1
+2.75
%
Gain Error Temperature Coefficient
Gain ≤ 573.0
50
ppm/°C
Gain = 722.3
64
ppm/°C
Gain = 971.10
121
ppm/°C
ADC PERFORMANCE
Main ADC Resolution
14
Bits
ADC Integral Nonlinearity (INL)
−4
+4
LSB14
ADC Differential Nonlinearity (DNL)
−1
+1
LSB14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com