Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4558WHCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4558WHCPZ-R7
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558WHCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4558WHCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADA4558
Data Sheet
Rev. 0 | Page 4 of 12
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EXTERNAL TEMPERATURE SENSOR
Valid Temperature Range
−50
+165
°C
External Temperature Sensor
Accuracy
Two calibration points using a PT1000
sensor
−0.5
+0.5
°C
One calibration point using a PT1000
sensor
−2
+2
°C
Gain Setting Accuracy
−2
±0.2
+2
%
LIN INPUT AND OUTPUT STAGE
Compliant with LIN Specification 2.1
Voltage
Voltage range over which LIN is
functional
6
18
V
Baud Rate
1
20
kbps
Current Limit for Driver (LIN Bus
Dominant State)
ILIN_DOM_MAX
Pulled to maximum VDD12
40
200
mA
Driver Off
ILIN_PASS_REC
8 V < VDD12 < 18 V, VLIN ≥ VDD12
20
μA
Input Leakage
ILIN_PAS_DOM
VLIN = 0 V
−1
mA
LIN Pin Current
While Ground Disconnected
ILIN_NO_GND
VDD12 = 12 V, control unit
disconnected from ground
−1
+1
mA
While Battery Disconnected
ILIN_NO_BAT
VDD12 disconnected, 0 V < VLIN < 18 V
30
μA
LIN Receiver
Dominant State
VLIN_DOM
40
% VDD12
Recessive State
VLIN_REC
60
% VDD12
Center Voltage
VLIN_CNT
47.5
50
52.5
% VDD12
Hysteresis Voltage
VHYS
17.5
% VDD12
Slave Termination Resistance
RSLAVE
21
25
34
kΩ
LIN RECEIVER TIMING PARAMETERS
Propagation Delay of Receiver
tRX_PD
6
µs
Symmetry of Receiver Propagation
Delay
tRX_SYM
Rising edge with the respect to falling
edge
−2
+2
µs
LIN DRIVER TIMING PARAMETERS
Bus load conditions (CBUS, RBUS): 1 nF and
1 kΩ; 6.8 nF and 660 Ω; 10 nF and 500 Ω
Duty Cycle 1
D1
For proper operation at 20 kbps
0.396
Duty Cycle 2
D2
For proper operation at 20 kbps
0.581
Duty Cycle 3
D3
For proper operation at 10.4 kbps
0.417
Duty Cycle 4
D4
For proper operation at 10.4 kbps
0.590
ADC Measurement Time
To valid reading
120
µs
LIN SLEEP/WAKE-UP
Force sleep mode by sending a
diagnostic master request frame (frame
identifier = 0x3C, with the first data
byte equal to 0x00); sleep mode is also
entered if there is no activity on the LIN
bus for a certain time
Auto Sleep Enable Time
Wake-up occurs if a recessive to
dominant transition on the LIN bus is
followed by a dominant level on the LIN
bus maintained for a certain time
(minimum dominant time), followed by
a dominant to recessive transition; the
dominant to recessive transition wakes
up the device
4
sec
Minimum Dominant Time
150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com