Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4558WHCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4558WHCPZ-R7
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558WHCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4558WHCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADA4558
Rev. 0 | Page 11 of 12
PCB LAYOUT GUIDELINES
Figure 5. Example PCB Layout
The following items outline best practice for PCB layout.
•
Place the 220 pF CLIN capacitor close to the IC between
the LIN and LINGND traces.
•
Place the CREG, CIN, and C1_8V capacitors close to the
IC using short, thick tracks. These components decouple
the supplies and reduce high frequency noise on these nodes.
•
The length of the C1_8V traces is critical. Keep the traces
as short as possible.
•
Shield the noisy DVDD regulator pin from the sensitive
analog circuitry at VPOS, VNEG, and VREG.
•
Maintain shielded matched differential lines for VNEG and
VPOS to ensure that noise pickup is both minimal and
common mode. The PGA can potentially obtain significant
noise at this point.
•
Shield the VPOS trace from the VREG trace because
VREG can have noise pickup during EMC testing.
•
Shield the VDD12 line from VPOS, VNEG, and VREG
using a ground plane.
•
Connect DGND and LINGND to AGND at a single point.
Use a short narrow trace for DGND and a wide trace for
LINGND.
•
TESTD is connected internally to DGND. Connect Pin 3 to
a small DGND plane to avoid multiple connections
between AGND and DGND.
•
To minimize total ground plane impedance, use a separate
ground layer, if available, with many via connections to the
top layer ground plane.
•
When a second routing layer is available, the LINGND
trace can be connected to the AGND plane with a large via
close to CDVDD. Connect DGND to AGND at this point
with a narrow trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com