Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4558WHCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4558WHCPZ-R7
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558WHCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4558WHCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADA4558
Data Sheet
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.75
2.60 SQ
2.35
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
Figure 6. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-20-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADA4558WHCPZ-RL
–40°C to +150°C
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-8
ADA4558WHCPZ-R7
–40°C to +150°C
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-8
EVAL-ADA4558EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 W = Qualified for automotive applications.
AUTOMOTIVE PRODUCTS
The ADA4558W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17245-0-6/19(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com