Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4558WHCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4558WHCPZ-R7
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558WHCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4558WHCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADA4558
Rev. 0 | Page 5 of 12
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Start-Up Time (System)
First readback of valid data, filter
setting = 500 Hz, all faults enabled or
disabled
100
ms
Main Oscillator Frequency
All internal timers are related to
oscillator
9.5
10
10.5
MHz
Oscillator Frequency (Sleep Mode)
300
kHz
ELECTRICALLY ERASABLE
PROGRAMMABLE READ-ONLY
MEMORY (EEPROM)
Programming
Number of Cycles
1000
Cycles
Time
Per 32-bit written word
20
40
ms
Temperature
−40
+150
°C
Data Retention
1000 write cycles, operation at 150°C
10
Years
1000 write cycles, 40,000 hour
operation (10,000 hours at 55°C +
27,000 hours at 125°C + 3000 hours at
150°C)
15
Years
FAULTS
Bridge Sensor Input Bias Current
IB
Detects input open circuit (startup)
5
µA
Detects input open circuit,
normal/running mode operation
(EEPROM register
PGA_ADD_PULUP_150 = 0), default
300
nA
Detects input open circuit,
normal/running mode operation
(EEPROM register
PGA_ADD_PULUP_150 = 1)
450
nA
Input Open Detection Resistance
Startup
320
kΩ
Normal running mode operation
32
MΩ
Open Detection Threshold
Low
18.75
% VREG
High
81.25
% VREG
Input Short Detection Resistance
0.5
kΩ
Oscillator Crosscheck Limit
14
%
External Temperature Sensor Bias
Current
Detects external temperature open
circuit
28
nA
Thermal Shutdown
TSD
170
°C
Hysteresis
TSD_HY
7
°C
1
Guaranteed by absolute maximum ratings (see the Absolute Maximum Ratings section).
2
The VREG voltage is also the reference to the ADC. Therefore, reference temperature drift does not affect system error. This specification can be useful in gain and
offset selection at EOL calibration.
3
Guaranteed by design.
4
Errors in PGA, temperature sensor gain, offset, and temperature drift are eliminated based on the EOL calibration routine.
5
The input offset trim range is −60 mV/V to +60 mV/V. The ADC reference is 4 V. The resulting input offset trim range is 0.48 V. The output preferred offset trim
resolution is 31 mV. For a gain of 2.9, the input referred offset trim resolution is 10.6 mV. Dividing range by resolution gives approximately 50 steps, which is close to a
6-bit resolution. For a gain of 971, the input referred offset trim resolution is 32 μV. Dividing range by resolution equals 16,287 LSBs, which is close to 14-bit resolution.
In all cases, this only provides the coarse offset calibration required to get the PGA output into the valid ADC range of operation. The digital linearization engine
provides fine offset calibration to meet the system accuracy targets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com