Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4558WHCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4558WHCPZ-R7
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558WHCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4558WHCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADA4558
Data Sheet
Rev. 0 | Page 10 of 12
APPLICATIONS INFORMATION
TYPICAL CONNECTION DIAGRAM
Figure 4 shows the typical connection diagram for the
ADA4558, and Table 5 provides the component list.
EMC PERFORMANCE
The ADA4558 meets the electromagnetic compatibility (EMC)
requirements specified in OEM Hardware Requirements for
LIN, CAN, and FlexRay interfaces in Automotive Applications
Revision 1.3, May 2012 using the applications reference circuit
and corresponding bill of materials.
ADA4558
VIN = 12V
DGND
TEST1,
TEST2,
TESTD
AGND
TNEG
DVDD
VDD12
TPOS
ISINK
VNEG
VPOS
VREG
CREG
PRESSURE
SENSOR
C1_8V
1.8V
1µF
100V
CIN
0.1µF
0.1µF
NIC
CNEG
(OPTIONAL)
CPOS
(OPTIONAL)
CLIN
220pF
RREFN
SWDIO
SWCLK
LIN2
LIN
LINGND
LIN BUS
VREG
VREG
1µF
100V
CIN
10
Ω
RBAT
DIODE
Figure 4. Typical Connection Diagram
Table 5. Component List
Product Reference
Temperature Range
Package Description
Package
Product No.
ADA4558
−40°C to +150°C
20-lead LFCSP
CP-20-8
ADA4558
RBAT
−40°C to +150°C
10 Ω, 250 mW resistor to meet ISO transients
0603
CRCW060310R0JNEAHP
CREG, C1_8V
−55°C to +125°C
Murata, X7R, 16 V, 0.1 µF
0402
GCG155R71C104KA15D
CIN
−55°C to +125°C
TDK, X7S, 100 V, 1 µF
0805
CGA4J3X7S2A105K
Diode
−55°C to +125°C
150 V, reverse protection diode
SOD323
BAS21-03WE6327
CLIN
−55°C to +125°C
220 pf, LIN capacitor
0402
GCM155R72A221KA37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com