Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4558WHCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4558WHCPZ-R7
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558WHCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4558WHCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4558WHCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Bridge Sensor Signal Conditioner IC with LIN Interface,
Nonlinearity Correction, Temperature Compensation
Data Sheet
ADA4558
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
LIN 2.1 compliant interface (bridge sensor signal, temperature)
Digitally programmable gain and offset voltage adjustment
Gain range from 2.94 V/V to 971.10 V/V
Sensor temperature compensation (first- or second-order)
Sensor nonlinearity correction (first- or second-order)
Internal or external temperature sensor compensation
EEPROM nonvolatile memory for calibration data
High system accuracy: 0.1% FSR over temperature
EMC and EMI protection
Fault protection for open circuits and short circuits
4 mm × 4 mm, 20-lead LFCSP
6 V to 18 V supply operation
−40°C to +150°C operating temperature range
AEC-Q100 qualified for automotive applications
APPLICATIONS
Strain gage
Pressure signal conditioner for automotive vehicles
GENERAL DESCRIPTION
The ADA4558 is a fully integrated, sensor signal conditioner
IC for bridge sensors. The device provides digital nonlinearity
correction and temperature compensation via internal or external
sensed temperatures using on-chip correction and calibration
hardware that can be optimized for a specific bridge sensor.
The ADA4558 utilizes a fourth-order digital correction algorithm
and delivers a system accuracy of 0.1% full scale range (FSR) for
bridge sensors with second-order nonlinearity sensitivity. The
ADA4558 includes a local interconnect network (LIN) physical
interface for single-wire, high voltage communications in
automotive environments. LIN 2.1 and earlier versions are
supported. The LIN interface allows access to measurements,
end of line (EOL) calibration, and a wide range of diagnostic
functions.
The analog subsystem consists of an analog-to-digital
converter (ADC) and a programmable gain amplifier (PGA)
with a wide gain range from 2.94 V/V to 971.10 V/V. To minimize
power supply noise, the bridge sensor is biased with an internal
4 V voltage regulator. The ADA4558 is fully specified from −40°C
to +150°C. The device operates from battery supply voltages
of 6 V to 18 V. The ADA4558 is available in a 4 mm × 4 mm,
20-lead lead frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
LOW-PASS
FILTER
±OFFSET ADJUSTMENT
INTERNAL
TEMPERATURE
SENSOR
VREG
REFERENCE
POWER SECTION
ADA4558
LIN
TRANSCEIVER
DIGITAL CORRECTION ENGINE
CORRECTION ALGORITHM
FAULT HANDLING
COMMUNICATION BUS
VDD12
DVDD
LIN2
LIN
5V LDO
STATIC
RANDOM
ACCESS
MEMORY
EEPROM
ONE TIME
PROGRAM-
MABLE
MEMORY
1.8V LDO
IIR
FILTER
VREG
14-BIT
ADC
MUX
EMI
FILTER
PGA
AFE
VREG
VREG
INPUT VOLTAGE = 6V TO 18V
0.1µF
VPOS
VNEG
SENSOR
BRIDGE
OPTIONAL
EXTERNAL
RESISTIVE
TEMPERATURE
DETECTOR
VREG
TPOS
+
–
RREFN
TNEG
ISINK
AGND
DGND
LINGND
Figure 1.


Similar Part No. - ADA4558WHCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4500-2 AD-ADA4500-2 Datasheet
314Kb / 4P
8.7MHz, 15nV/?숰z, Rail-to-Rail I/O
Rev. PrA
ADA4500-2 AD-ADA4500-2 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/√Hz, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. B
ADA4500-2ACPZ-R7 AD-ADA4500-2ACPZ-R7 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2ACPZ-R7 AD-ADA4500-2ACPZ-R7 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2ACPZ-R7 AD-ADA4500-2ACPZ-R7 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
More results

Similar Description - ADA4558WHCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3 Datasheet
443Kb / 24P
SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
logo
List of Unclassifed Man...
ZSSC3008 ETC2-ZSSC3008 Datasheet
772Kb / 47P
Sensor Signal Conditioner with Diagnostics
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Integrated Device Techn...
ZSSC3170 IDT-ZSSC3170 Datasheet
653Kb / 30P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com