Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2855ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2855ACPZ-R7
Description  Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2855ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADN2855ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADN2855
Rev. B | Page 3 of 20
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 µF, input data pattern: PRBS 223 − 1, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
INPUT BUFFER—DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
VCC − 0.6
VCC − 0.1
V
Peak-to-Peak Differential Input
PIN − NIN
0.2
1.2
V
ACQUISITION TIME (BDR Mode1)
Lock to Preamble Data
1250.00 Mbps
12
Bits
1244.16 Mbps
12
Bits
622.08 Mbps
12
Bits
155.52 Mbps
6
Bits
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
Serial output mode
204
mA
Deserializer mode
250
mA
OPERATING TEMPERATURE RANGE
−40
+85
°C
1
BDR mode = burst clock and data recovery mode, whereas CDR = continuous clock and data recovery mode.
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, input data pattern: PRBS 223 − 1, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Tolerance
1250.00 Mbps, 223 − 1 PRBS
50 kHz
3.0
UI p-p
500 kHz
1.0
UI p-p
10 MHz
0.5
UI p-p
1244.16 Mbps, 223 − 1 PRBS
50 kHz
3.0
UI p-p
500 kHz
1.0
UI p-p
10 MHz
0.5
UI p-p
622.08 Mbps, 223 − 1 PRBS
25 kHz
2.5
UI p-p
250 kHz
1.0
UI p-p
155.52 Mbps, 223 − 1 PRBS
6.5 kHz
3.5
UI p-p
65 kHz
1.0
UI p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com