Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2855ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2855ACPZ-R7
Description  Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2855ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADN2855ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps
Burst Mode Clock and Data Recovery IC with Deserializer
Data Sheet
ADN2855
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Serial data input
155.52 Mbps/622.08 Mbps/1244.16 Mbps/1250.00 Mbps
12-bit acquisition time
4-bit parallel LVDS output interface
Patented dual-loop clock recovery architecture
Integrated PRBS generator
Byte rate reference clock
Loss-of-lock indicator
Supports double data rate (DDR)-compatible FPGA
I2C interface to access optional features
Single-supply operation: 3.3 V
Power
670 mW typical in serial output mode
825 mW typical in deserializer mode
5 mm × 5 mm, 32-lead LFCSP
APPLICATIONS
Passive optical networks
GPON/BPON/GEPON OLT receivers
GENERAL DESCRIPTION
The ADN2855 is a burst mode clock and data recovery IC
designed for GPON/BPON/GEPON optical line terminal (OLT)
receiver applications. The part can operate at 155.52 Mbps,
622.08 Mbps, 1244.16 Mbps, or 1250.00 Mbps data rates, selectable
via the I2C interface.
The ADN2855 frequency locks to the OLT reference clock and
aligns to the input data within 12 bits of the start of the preamble.
The device provides a full rate or an optional half rate output
clock for a double data rate (DDR) interface to an FPGA or
digital ASIC.
All specifications are quoted for −40°C to +85°C ambient tempera-
ture, unless otherwise noted. The ADN2855 is available in a
compact 5 mm × 5 mm, 32-lead chip scale package.
FUNCTIONAL BLOCK DIAGRAM
2
RESET
DATAV
DATxP,
DATxN
2
VCC
VEE
SDA
SCK
CF1
CF2
PIN
NIN
CML INPUT
BUFFER
VCO
PHASE
SHIFTER
PHASE
DETECT
FREQUENCY/
LOCK
DETECT
DATA
RE-TIMING
DIVIDER
I2C
DESERIALIZER
LOOP
FILTER
LOOP
FILTER
4 × 2
REFCLKP,
REFCLKN
CLKOUTP,
CLKOUTN
SQUELCH
ADN2855
Figure 1.


Similar Part No. - ADN2855ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
ADN2850 AD-ADN2850 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
ADN2850ACP25 AD-ADN2850ACP25 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
ADN2850ACP25-RL7 AD-ADN2850ACP25-RL7 Datasheet
481Kb / 20P
Nonvolatile Memory, Dual 1024 Position Programmable Resistors
9/02-Data sheet changed from REV. A to REV. B.
More results

Similar Description - ADN2855ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L Datasheet
86Kb / 9P
3.3V 125 MBPS 155 MBPS CLOCK AND DATA RECOVERY
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
622 Mbps Clock and Data Recovery IC
2/06-Revision 0
logo
Source Photonics, Inc.
C-13-622-T-SSC4 SOURCE-C-13-622-T-SSC4 Datasheet
551Kb / 7P
622 Mbps Single Mode Transceiver
C-13-622-T-SFC SOURCE-C-13-622-T-SFC Datasheet
620Kb / 7P
622 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
NU-33B54B-K OPTOWAY-NU-33B54B-K Datasheet
119Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
logo
M/A-COM Technology Solu...
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
3.3 Volt Laser Driver IC for 155/622 Mbps
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
M/A-COM Technology Solu...
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
3.3 Volt Laser Driver IC for 155/622 Mbps
logo
Microchip Technology
SY87700AL MICROCHIP-SY87700AL Datasheet
928Kb / 22P
Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com